công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VT2N2 bảng dữ liệu(PDF) 31 Page - PerkinElmer Optoelectronics

tên linh kiện VT2N2
Giải thích chi tiết về linh kiện  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERKINELMER [PerkinElmer Optoelectronics]
Trang chủ  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VT2N2 bảng dữ liệu(HTML) 31 Page - PerkinElmer Optoelectronics

Back Button VT2N2 Datasheet HTML 27Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 28Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 29Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 30Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 31Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 32Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 33Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 34Page - PerkinElmer Optoelectronics VT2N2 Datasheet HTML 35Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
26
Application Notes—Photoconductive Cells
APPLICATION NOTE #7
How to Specify a Low Cost Photocell
Sometimes the demands of the application such as power dissipation,
“on” resistance, voltage, temperature coefficient, etc. limit the selection
of the photocell to one particular device. However, more common is the
case where any number of photocell types can be used, especially if
minor changes are undertaken at an early enough point in the circuit
design. In these cases, price is often the deciding factor.
Many factors influence price. In order to give some guidance and
weight to these factors the reader is referred to the following table
which is meant to serve as a general guide.
Lower Cost
Factor
Higher Cost
Plastic
Packaging
Glass/Metal
Broad
Resistance Range
Narrow
Small
Package Size
Large
Open Order with
Scheduled Releases
Scheduling
Released Orders
Standard Tests
Testing
Special Tests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com