| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV2341IPWLE bảng dữ liệu(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV2341IPWLE bảng dữ liệu(HTML) 32 Page - Texas Instruments |
|
32 / 53 page ![]() TLV2341, TLV2341Y LinCMOS ™ PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS SLOS110A – MAY 1992 – REVISED AUGUST 1994 32 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 LOW-BIAS MODE operating characteristics at specified free-air temperature, VDD = 3 V PARAMETER TEST CONDITIONS TA TLV2341I UNIT PARAMETER TEST CONDITIONS TA MIN TYP MAX UNIT SR Slew rate at unity gain VIC = 1 V, RL =1MΩ VI(PP) = 1 V, CL =20 pF 25 °C 0.02 V/ µs SR Slew rate at unity gain RL = 1 MΩ, See Figure 92 CL = 20 pF, 85 °C 0.02 V/ µs V Equivalent input noise voltage f = kHz, RS = 20 Ω, 25 °C 68 nV/ √Hz Vn Equivalent input noise voltage , See Figure 93 S , 25 °C 68 nV/ √Hz BOM Maximum output swing bandwidth VO = VOH, CL = 20 pF, 25 °C 2.5 kHz BOM Maximum output-swing bandwidth OOH, RL = 1 MΩ, L , See Figure 92 85 °C 2 kHz B1 Unity gain bandwidth VI = 10 mV, CL = 20 pF, 25 °C 27 kHz B1 Unity-gain bandwidth I , RL = 1 MΩ, L , See Figure 94 85 °C 21 kHz VI = 10 mV, f = B1, –40 °C 39 ° φm Phase margin VI 10 mV, CL = 20 pF, f B1, RL = 1 MΩ, 25 °C 34 ° See Figure 94 85 °C 28 ° operating characteristics at specified free-air temperature, VDD = 5 V PARAMETER TEST CONDITIONS TA TLV2341I UNIT PARAMETER TEST CONDITIONS TA MIN TYP MAX UNIT VIC =1V VI(PP) =1V 25 °C 0.03 SR Slew rate at unity gain VIC = 1 V, RL = 1 MΩ, VI(PP) = 1 V 85 °C 0.03 V/ µs SR Slew rate at unity gain L , CL = 20 pF, SFi 92 VI(PP) =2 5V 25 °C 0.03 V/ µs See Figure 92 VI(PP) = 2.5 V 85 °C 0.02 V Equivalent input noise voltage f =1 kHz, RS = 20 Ω, 25 °C 68 nV/ √Hz Vn Equivalent input noise voltage , See Figure 93 S , 25 °C 68 nV/ √Hz BOM Maximum output swing bandwidth VO = VOH, CL = 20 pF, 25 °C 5 kHz BOM Maximum output-swing bandwidth OOH, RL = 1 MΩ, L , See Figure 92 85 °C 4 kHz B1 Unity gain bandwidth VI = 10 mV, CL = 20 pF, 25 °C 85 kHz B1 Unity-gain bandwidth I , RL = 1 MΩ, L , See Figure 94 85 °C 55 kHz VI = 10 mV, f = B1, –40 °C 38 ° φm Phase margin VI 10 mV, CL = 20 pF, f B1, RL = 1 MΩ, 25 °C 34 ° See Figure 94 85 °C 28 ° |