công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VTL5C3/2 bảng dữ liệu(PDF) 37 Page - PerkinElmer Optoelectronics

tên linh kiện VTL5C3/2
Giải thích chi tiết về linh kiện  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERKINELMER [PerkinElmer Optoelectronics]
Trang chủ  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VTL5C3/2 bảng dữ liệu(HTML) 37 Page - PerkinElmer Optoelectronics

Back Button VTL5C3/2 Datasheet HTML 33Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 34Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 35Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 36Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 37Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 38Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 39Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 40Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 41Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
32
Typical Applications of Analog Optical Isolators
Why Use Analog Optical Isolators?
PerkinElmer Optoelectronics’ line of analog optical isolators (AOIs) consists of a light tight package which houses a light source and
one or more photoconductive cells. Through control of the input current or voltage applied to the AOI, the output resistance can be
varied. The output resistance can be made to switch between an “on” and “off” state or made to track the input signal in an analog
manner. Because a small change in input signal can cause a large change in output resistance, AOIs have been found to provide a
very economic and technically superior solution for many applications. Their general characteristics and salient features can be
summarized as follows:
•
High input-to-output voltage isolation
•
True resistance element output
•
Single or dual element outputs available
•
Low cost
•
Suitable for AC or DC use
•
Wide range of input to output characteristics
•
Low drive current
•
Low “on” resistance, high “off” resistance
•
Complete solid-state construction
Applications
Analog Optical Isolators are used in many different types of circuits and applications. Here is a list of only a few examples of where
AOIs have been used.
•
DC isolators
•
Feedback elements in automatic gain control circuits
•
Audio limiting and compression
•
Noiseless switching
•
Logic interfacing
•
Remote gain control for amplifiers
•
Photochoppers
•
Noiseless potentiometers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com