công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VTL5C3/2 bảng dữ liệu(PDF) 27 Page - PerkinElmer Optoelectronics

tên linh kiện VTL5C3/2
Giải thích chi tiết về linh kiện  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERKINELMER [PerkinElmer Optoelectronics]
Trang chủ  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VTL5C3/2 bảng dữ liệu(HTML) 27 Page - PerkinElmer Optoelectronics

Back Button VTL5C3/2 Datasheet HTML 23Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 24Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 25Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 26Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 27Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 28Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 29Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 30Page - PerkinElmer Optoelectronics VTL5C3/2 Datasheet HTML 31Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
22
Application Notes—Photoconductive Cells
APPLICATION NOTE #1
Light - Some Physical Basics
Light is produced by the release of energy from the atoms of a material
when they are excited by heat, chemical reaction or other means. Light
travels through space in the form of an electromagnetic wave.
A consequence of this wave-like nature is that each “color” can be
completely defined by specifying its unique wavelength. The
wavelength is defined as the distance a wave travels in one cycle.
Since the wavelengths of light are very short they are normally
measured in nanometers, one nanometer being equal to 1 x 10-9
meters.
The spectral response of PerkinElmer’s photoconductors are specified
by lots of relative response versus wavelength (color) for various
material types.
Natural Illuminance
Room Illumination
Ultraviolet
(To X-rays and Gamma Rays)
Infrared
(To Radar Waves)
Visible Light
400
700
Violet
Red
Wavelength
Violet
Below 450 nm
Blue
450 - 500 nm
Green
500 - 570 nm
Yellow
570 - 590 nm
Orange
590 - 610 nm
Red
610 - 700 nm
Sky Condition
Light Level (Typical)
Direct Sunlight
10000 fc
Overcast Day
1000 fc
Twilight
1 fc
Full Moon
0.1 fc
Clear Night Sky (moonless)
0.001 fc
Lighting Condition
Light Level (Typical)
Candle - Lit Room
5 fc
Auditorium
10 fc
Classroom
30 fc
Inspection Station
250 fc
Hospital Operating Room
500 - 1000 fc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com