công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VTL5C2/2 bảng dữ liệu(PDF) 75 Page - PerkinElmer Optoelectronics

tên linh kiện VTL5C2/2
Giải thích chi tiết về linh kiện  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERKINELMER [PerkinElmer Optoelectronics]
Trang chủ  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VTL5C2/2 bảng dữ liệu(HTML) 75 Page - PerkinElmer Optoelectronics

Back Button VTL5C2/2 Datasheet HTML 68Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 69Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 70Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 71Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 72Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 73Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 74Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 75Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 76Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 75 / 76 page
background image
PerkinElmer Optoelectronics’ business is the design, development, and production of optoelectronic components
and assemblies. Our development and manufacturing activities focus on achieving and maintaining consistent
product quality and high levels of reliability. PerkinElmer produces devices and assemblies for the commercial,
industrial, automotive, and medical markets.
PerkinElmer’s commitment to quality emphasizes designed-in quality, problem prevention, and closed loop cor-
rective action. This concept of quality is implemented through the use of fully documented procedures, in-
process monitoring and process control (including SPC), and 100% production testing of devices using state-of-
the-art automated test equipment. As a world class manufacturer, PerkinElmer’s concept of product quality
includes Total Quality Management (TQM) and Just In Time (JIT) delivery.
Quality is a measure of how well a device conforms to its specifications. Reliability is a measure of how well a
device performs over time. PerkinElmer insures the reliability of its products by careful design and by the period-
ic testing of random samples taken from the manufacturing lines. Reliability tests include temperature cycles,
thermal shock, room ambient life tests, elevated temperature life tests, high and low temperature storage, tem-
perature/humidity tests, and water immersion.
PerkinElmer also performs special tests covering a wide range of environmental and life stress conditions to
support non-standard, custom applications. The information generated not only assures the customer that the
device will work well in a particular application, but also contributes to our data base for continual product
improvement.
Driven by our goal of continuous improvement and the needs of customers, PerkinElmer runs an active product
improvement program. PerkinElmer continuously evaluates new materials, manufacturing processes, and pack-
aging systems in order to provide our customers with the best possible product.
PerkinElmer’s quality works: we are an ISO 9000 and QS 9000 certified supplier (ship to stock - no inspection
required) to a number of major customers.
Quality Statement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com