công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VTL5C2/2 bảng dữ liệu(PDF) 42 Page - PerkinElmer Optoelectronics

tên linh kiện VTL5C2/2
Giải thích chi tiết về linh kiện  Photoconductive Cells and Analog Optoisolators (Vactrols)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERKINELMER [PerkinElmer Optoelectronics]
Trang chủ  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VTL5C2/2 bảng dữ liệu(HTML) 42 Page - PerkinElmer Optoelectronics

Back Button VTL5C2/2 Datasheet HTML 38Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 39Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 40Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 41Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 42Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 43Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 44Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 45Page - PerkinElmer Optoelectronics VTL5C2/2 Datasheet HTML 46Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 76 page
background image
37
Characteristics of Analog Optical Isolators
Voltage Rating
The maximum voltage rating of the output element (photocell) applies
only when the input is off. Two different kinds of dark current “leakage”
characteristics are observed in photocell output elements. Figure 4
shows the soft breakdown found in lower resistivity materials. With no
input, if the applied voltage is suddenly increased from zero to V1, the
current increases along section ‘a’, with the steepness depending on
the rate at which the voltage is increased. If the voltage is now held at
V1, the current decreases along curve ‘b’ and stabilizes at a much
lower value. If the voltage is again increased, the next section of the
curve is traversed with the current dropping along curve ‘d’ in time.
This process can be repeated until the reverse current becomes so
great that the cell burns up. The maximum voltage rating for photocells
with this soft reverse characteristic is based on a safe steady-state
power dissipation in the OFF condition.
Figure 4. Breakdown characteristics of photocells with low resistivity
photoconductive material.
Higher resistivity photoconductive materials do not show the reverse
characteristics of Figure 4 to any significant degree. As voltage is
increased, the dark current increases, but remains very low until
breakdown occurs. The current then increases in an avalanche fashion
resulting in an arc-over which causes the cell to be permanently
damaged (shorted). The dielectric breakdown voltage is approximately
8 - 10 kV per cm of contact spacing for materials with this type of
reverse characteristic. Photocells have 0.16 - 0.5 mm electrode
spacing so the maximum voltage ratings typically fall into the 100 - 300
volt range.
The high voltage capability of photocells suggests their use as the
series pass element in a high voltage regulated power supply. Voltages
up to 5 or 10 kV can be regulated but the current should be limited to 1
or 2 mA. The isolated input element greatly simplifies the circuit design
and the single output element avoids the need for voltage and current
sharing components.
Power Rating
Photocells are primarily used for signal control since the maximum
allowable power dissipation is low. Typically, the steady-state output
current should be kept below 10 mA on catalog LED AOIs because of
the small size ceramic used in the output cell. However, the surface
area is large compared to similarly rated transistors, so AOIs withstand
significant transient current and power surges.
Power ratings are given in the catalog and are typically a few hundred
milliwatts, but special AOIs have been made with power dissipation
ratings as high as 2.0 W.
Life and Aging
Life expectancy of an AOI is influenced both by the input and output
devices. Isolators which use an LED have long life since LED lifetimes
are long: 10,000 to 200,000 hours, depending on the application. LEDs
normally show a decrease in light output for a specified bias current as
they age.
The photocell output elements in AOIs show an increase in output
resistance over time as they age. With a continuous input drive current
and with voltage bias applied to the output, the output resistance will
generally increase at a rate of 10 percent per year. The aging rate is
lower with intermittent operation. Figure 5 shows the trend line for
output resistance under typical operating conditions. Other AOIs using
different photoconductive materials show similar trends.
Figure 5. VTL5C3 Life Test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com