công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC320AD50C/I bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện TLC320AD50C/I
Giải thích chi tiết về linh kiện  SIGMA-DELTA ANALOG INTERFACE CIRCUITS WITH MASTER-SLAVE FUNCTION
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD50C/I bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button TLC320AD50C/I Datasheet HTML 2Page - Texas Instruments TLC320AD50C/I Datasheet HTML 3Page - Texas Instruments TLC320AD50C/I Datasheet HTML 4Page - Texas Instruments TLC320AD50C/I Datasheet HTML 5Page - Texas Instruments TLC320AD50C/I Datasheet HTML 6Page - Texas Instruments TLC320AD50C/I Datasheet HTML 7Page - Texas Instruments TLC320AD50C/I Datasheet HTML 8Page - Texas Instruments TLC320AD50C/I Datasheet HTML 9Page - Texas Instruments TLC320AD50C/I Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
vii
3–7 Primary Communication DIN and DOUT Data Format
3–4
. . . . . . . . . . . . . . . . .
3–8 Secondary Communication DIN and DOUT Data Format
3–5
. . . . . . . . . . . . . . .
5–1 Master FS and FSD Timing
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–2 Slave FS to FSD Timing
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–3 Master/Slave SCLK to FSD Timing
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5–4 Serial Communication Timing (Master Mode)
5–2
. . . . . . . . . . . . . . . . . . . . . . . . .
5–5 Serial Communication Timing (Slave Mode)
5–2
. . . . . . . . . . . . . . . . . . . . . . . . . .
5–6 ADC Channel Filter Response (MCLK = 8.192 MHz, fs = 8 kHz)
5–3
. . . . . . . .
5–7 ADC Channel Filter Passband Ripple (MCLK = 8.192 MHz, fs = 8 kHz)
5–3
. .
5–8 DAC Channel Filter Response (MCLK = 8.192 MHz, fs = 8 kHz)
5–4
. . . . . . . .
5–9 DAC Channel Filter Passband Ripple (MCLK = 8.192 MHz, fs = 8 kHz)
5–4
. .
7–1 Master Device and Slave Device Connections (to DSP Interface)
7–1
. . . . . . .
7–2 Power Supply Decoupling
7–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
List of Tables
Table
Title
Page
3–1 Least Significant Bit Control Function
3–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6–1 Register Map
6–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6–2 Control Register 1
6–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6–3 Control Register 2
6–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6–4 Control Register 3
6–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6–5 Control Register 4
6–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com