công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC320AD50C/I bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện TLC320AD50C/I
Giải thích chi tiết về linh kiện  SIGMA-DELTA ANALOG INTERFACE CIRCUITS WITH MASTER-SLAVE FUNCTION
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD50C/I bảng dữ liệu(HTML) 3 Page - Texas Instruments

  TLC320AD50C/I Datasheet HTML 1Page - Texas Instruments TLC320AD50C/I Datasheet HTML 2Page - Texas Instruments TLC320AD50C/I Datasheet HTML 3Page - Texas Instruments TLC320AD50C/I Datasheet HTML 4Page - Texas Instruments TLC320AD50C/I Datasheet HTML 5Page - Texas Instruments TLC320AD50C/I Datasheet HTML 6Page - Texas Instruments TLC320AD50C/I Datasheet HTML 7Page - Texas Instruments TLC320AD50C/I Datasheet HTML 8Page - Texas Instruments TLC320AD50C/I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
iv
2.9.1
Analog Output
2–12
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3
Serial Communications
3–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.1
Primary Serial Communication
3–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.2
Secondary Serial Communication
3–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.2.1
Hardware Secondary Serial Communication Request
3–3
. . . .
3.2.2
Software Secondary Serial Communication Request
3–3
. . . .
3.3
Conversion Rate Versus Serial Port
3–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.4
Phone Mode Control
3–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.5
DIN and DOUT Data Format
3–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.5.1
Primary Serial Communication DIN and DOUT
Data Format
3–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.5.2
Secondary Serial Communication DIN and DOUT
Data Format
3–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4
Specifications
4–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.1
Absolute Maximum Ratings Over Operating Free-Air
Temperature Range
4–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.2
Recommended Operating Conditions
4–1
. . . . . . . . . . . . . . . . . . . . . . . . . .
4.2.1
Recommended Operating Conditions, DVDD = 5 V
4–1
. . . . . .
4.2.2
Recommended Operating Conditions, DVDD = 3 V
4–1
. . . . . .
4.3
Electrical Characteristics Over Recommended Operating
Free-Air Temperature Range, DVDD = 5 V, RL = 600 Ω
4–2
. . . . . . . . . . .
4.3.1
Digital Inputs and Outputs, MCLK = 8.192 MHz,
fs = 8 kHz, DVDD = 5 V
4–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.3.2
Digital Inputs and Outputs, MCLK = 8.192 MHz,
fs = 8 kHz, DVDD = 3 V
4–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.3.3
ADC Channel, MCLK = 8.192 MHz, fs = 8 kHz
4–2
. . . . . . . . . .
4.3.4
ADC Dynamic Performance, MCLK = 8.192 MHz,
fs = 8 kHz
4–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.3.5
ADC Channel Characteristics
4–3
. . . . . . . . . . . . . . . . . . . . . . . .
4.3.6
DAC Path Filter, MCLK = 8.192 MHz, fs = 8 kHz
4–3
. . . . . . . .
4.3.7
DAC Dynamic Performance
4–4
. . . . . . . . . . . . . . . . . . . . . . . . . .
4.3.8
DAC Channel Characteristics
4–5
. . . . . . . . . . . . . . . . . . . . . . . .
4.3.9
Power Supply, AVDD = DVDD = 5 V, No Load
4–5
. . . . . . . . . . .
4.3.10
Power-Supply Rejection, AVDD = DVDD = 5 V
4–5
. . . . . . . . . .
4.4
Timing Characteristics
4–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.4.1
Master Mode Timing Requirements
4–5
. . . . . . . . . . . . . . . . . . .
4.4.2
Slave Mode Timing Requirements
4–6
. . . . . . . . . . . . . . . . . . . .
4.4.3
Master Mode Switching Characteristics
4–6
. . . . . . . . . . . . . . . .
4.4.4
Slave Mode Switching Characteristics
4–6
. . . . . . . . . . . . . . . . .
4.4.5
Reset Timing
4–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.4.6
Other
4–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5
Parameter Measurement Information
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6
Register Set
6–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.1
Control Register 1
6–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6.2
Control Register 2
6–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com