| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP2995MX bảng dữ liệu(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP2995MX bảng dữ liệu(HTML) 20 Page - Texas Instruments |
|
20 / 24 page ![]() www.ti.com EXAMPLE BOARD LAYOUT (5.4) (1.3) TYP ( ) TYP VIA 0.2 (R ) TYP 0.05 0.07 MAX ALL AROUND 0.07 MIN ALL AROUND 8X (1.55) 8X (0.6) 6X (1.27) (2.95) NOTE 9 (4.9) NOTE 9 (2.34) (2.34) SOLDER MASK OPENING (1.3) TYP 4218825/A 05/2016 PowerPAD SOIC - 1.7 mm max height DDA0008A PLASTIC SMALL OUTLINE SYMM SYMM SEE DETAILS LAND PATTERN EXAMPLE SCALE:10X 1 4 5 8 SOLDER MASK OPENING METAL COVERED BY SOLDER MASK SOLDER MASK DEFINED PAD NOTES: (continued) 6. Publication IPC-7351 may have alternate designs. 7. Solder mask tolerances between and around signal pads can vary based on board fabrication site. 8. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature numbers SLMA002 (www.ti.com/lit/slma002) and SLMA004 (www.ti.com/lit/slma004). 9. Size of metal pad may vary due to creepage requirement. 10. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown on this view. It is recommended that vias under paste be filled, plugged or tented. TM METAL SOLDER MASK OPENING NON SOLDER MASK DEFINED SOLDER MASK DETAILS OPENING SOLDER MASK METAL UNDER SOLDER MASK SOLDER MASK DEFINED |