| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8739LEDS bảng dữ liệu(PDF) 16 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8739LEDS bảng dữ liệu(HTML) 16 Page - Wolfson Microelectronics plc |
|
16 / 35 page ![]() WM8739 / WM8739L Advanced Information AI Rev 2.2 September 2001 16 The digital audio interface takes the data from the internal ADC digital filters and places it on ADCDAT and ADCLRC. ADCDAT is the formatted digital audio data stream output from the ADC digital filters with left and right channels multiplexed together. ADCLRC is an alignment clock that controls whether Left or Right channel data is present on the ADCDAT line. ADCDAT and ADCLRC are synchronous with the BCLK signal with each data bit transition signified by a BCLK high to low transition. ADCDAT is always an output. BCLK and ADCLRC maybe an input or an output depending whether the device is in master or slave mode. Refer to the MASTER/SLAVE OPERATION section. There are four digital audio interface formats accommodated by the WM8739. These are shown in the figures below. Refer to the Electrical Characteristic section for timing information. Left Justified mode is where the MSB is available on the first rising edge of BCLK following a LRCLK transition. LEFT CHANNEL RIGHT CHANNEL ADCLRC BCLK ADCDAT 1/fs n 3 2 1 n-2 n-1 LSB MSB n 3 2 1 n-2 n-1 LSB MSB Figure 13 Left Justified Mode I 2S mode is where the MSB is available on the 2nd rising edge of BCLK following a LRCLK transition. LEFT CHANNEL RIGHT CHANNEL ADCLRC BCLK ADCDAT 1/fs n 3 2 1 n-2 n-1 LSB MSB n 3 2 1 n-2 n-1 LSB MSB 1 BCLK 1 BCLK Figure 14 I 2S Mode Right Justified mode is where the LSB is available on the rising edge of BCLK preceding a LRCLK transition, yet MSB is still transmitted first. |