| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AR1011T-I/SS bảng dữ liệu(PDF) 48 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AR1011T-I/SS bảng dữ liệu(HTML) 48 Page - Microchip Technology |
|
48 / 61 page ![]() AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER DS40001393C-page 48 2009-2016 Microchip Technology Inc. 12.2 Package Marking Information (Continued) * Standard PICmicro® device marking consists of Microchip part number, year code, week code and traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price. Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC® designator ( ) can be found on the outer packaging for this package. Note : In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e 20-Lead QFN (4x4x0.9 mm) Example PIN 1 PIN 1 I/ML 3 e 1042256 AR1021 |