công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AR1011T-I/SS bảng dữ liệu(PDF) 24 Page - Microchip Technology

tên linh kiện AR1011T-I/SS
Giải thích chi tiết về linh kiện  AR1000 Series Resistive Touch Screen Controller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1011T-I/SS bảng dữ liệu(HTML) 24 Page - Microchip Technology

Back Button AR1011T-I/SS Datasheet HTML 20Page - Microchip Technology AR1011T-I/SS Datasheet HTML 21Page - Microchip Technology AR1011T-I/SS Datasheet HTML 22Page - Microchip Technology AR1011T-I/SS Datasheet HTML 23Page - Microchip Technology AR1011T-I/SS Datasheet HTML 24Page - Microchip Technology AR1011T-I/SS Datasheet HTML 25Page - Microchip Technology AR1011T-I/SS Datasheet HTML 26Page - Microchip Technology AR1011T-I/SS Datasheet HTML 27Page - Microchip Technology AR1011T-I/SS Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
AR1000 SERIES RESISTIVE TOUCH SCREEN CONTROLLER
DS40001393C-page 24
 2009-2016 Microchip Technology Inc.
8.0
CONFIGURATION REGISTERS
The Configuration registers allow application-specific
customization of the controller. The default values have
been optimized for most applications and are
automatically used, unless you choose to change
them.
Unique sensors and/or product applications may
benefit from adjustment of Configuration registers.
8.1
Restoring Default Parameters
• AR1010/AR1020
The factory default settings for the Configuration
registers can be recovered by writing a value of 0xFF
to address 0x00 of the EEPROM, then cycling power.
• AR1011/AR1021
The factory default settings for the Configuration
registers can be recovered by writing a value of 0xFF
to addresses 0x01 and 0x29 of the EEPROM, then
cycling power.
Configuration registers are defined as an Offset value
from the Start address for the register group.
To read or write to a register, do the following:
• Issue the REGISTER_START_ADDRESS_RE-
QUEST
command to obtain the Start address for
the register group.
• Calculate the desired register’s absolute address
by adding the register’s Offset value to Start
address for the register group.
• Issue the REGISTER_READ or REGISTER_WRITE
command, using the calculated register’s
absolute address.
Note:
Although
most
registers
can
be
configured for a value ranging from 0 to
255, using a value outside the specified
range for the specific register may
negatively impact performance.
TABLE 8-1:
CONFIGURATION REGISTERS
Register Name
Address
Offset
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
AR1010/
AR1020
Default
AR1011/
AR1021
Default
<Special Use>
0x00
<Non-Configurable>
0x58
0x58
<Special Use>
0x01
<Non-Configurable>
0x01
0x01
TouchThreshold
0x02
Value of: 0-255
0xC5
0xC5
SensitivityFilter
0x03
Value of: 0-255
0x04
0x04
SamplingFast
0x04
Value of: 1, 2, 4, 8, 16, 32, 64, 128
0x04
0x04
SamplingSlow
0x05
Value of: 1, 2, 4, 8, 16, 32, 64, 128
0x10
0x10
AccuracyFilterFast
0x06
Value of: 1-8
0x02
0x04
AccuracyFilterSlow
0x07
Value of: 1-8
0x08
0x08
SpeedThreshold
0x08
Value of: 0-255
0x04
0x04
<Special Use>
0x09
<Non-Configurable>
0x23
0x23
SleepDelay
0x0A
Value of: 0-255
0x64
0x64
PenUpDelay
0x0B
Value of: 0-255
0x80
0x80
TouchMode
0x0C
PD2 PD1 PD0 PM1 PM0 PU2 PU1 PU0
0xB1
0xB1
TouchOptions
0x0D
—
—
—
—
—
—48W CCE
0x00
0x00
CalibrationInset
0x0E
0x19
0x19
PenStateReportDelay
0x0F
Value of: 0-40
0xC8
0xC8
<Special Use>
0x10
Value of: 0-255
0x03
0x03
TouchReportDelay
0x11
<Non-Configurable>
0x00
0x00
<Special Use>
0x12
Value of: 0-255
0x00
0x00
Warning:
Use of invalid register values will yield
unpredictable results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com