công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAP1203 bảng dữ liệu(PDF) 52 Page - Microchip Technology

tên linh kiện CAP1203
Giải thích chi tiết về linh kiện  3-Channel Capacitive Touch Sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1203 bảng dữ liệu(HTML) 52 Page - Microchip Technology

Back Button CAP1203 Datasheet HTML 48Page - Microchip Technology CAP1203 Datasheet HTML 49Page - Microchip Technology CAP1203 Datasheet HTML 50Page - Microchip Technology CAP1203 Datasheet HTML 51Page - Microchip Technology CAP1203 Datasheet HTML 52Page - Microchip Technology CAP1203 Datasheet HTML 53Page - Microchip Technology CAP1203 Datasheet HTML 54Page - Microchip Technology CAP1203 Datasheet HTML 55Page - Microchip Technology CAP1203 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
DS00001572B-page 52
 2013-2015 Microchip Technology Inc.
APPENDIX A:
DEVICE DELTA
A.1
Delta from CAP1133 to CAP1203
1. Revision ID set to 00h.
2. Pinout changed. LED pins removed. Added GND pin as ground slug is no longer used for ground
connection.
3. Reduced package size from a 10-pin 3mm x 3mm DFN to an 8-pin 2mm x 3mm TDFN.
4. Added Power Button feature (see Section 4.5, "Power Button").
5. Added ACAL_FAIL bit to flag analog calibration failures (see Section 5.2, "Status Registers") and
ACAL_FAIL_INT bit to control analog calibration failure interrupts (see Section 5.6, "Configuration
Registers").
6. Added BC_OUT bit to flag calibration failures regarding base counts out of limit (see Section 5.2,
"Status Registers") and BC_OUT_RECAL and BC_OUT_INT bit to control base count out of limit
behavior and interrupts (see Section 5.6, "Configuration Registers"). Added Base Count Out of
Limit Register to indicate which sensor inputs have base counts outside the operating range (see
Section 5.16, "Base Count Out of Limit Register").
7. Increased supply voltage range for 5V operation.
8. Removed proximity detection gain.
9. LEDs removed.
10. Removed ALERT pin configuration.
11. Register set change as shown in Table A-1, "Register Delta".
TABLE A-1:
REGISTER DELTA
Address
Register Delta
Delta
Default
00h
Page 22
Removed bits - Main
Control Register
Removed GAIN[1:0] bits.
00h
02h
Page 23
Added bits - General
Status Register
Added bit 4 PWR for new Power Button
feature. Added bit 5 ACAL_FAIL to
indicate analog calibration failure. Added
bit 6 BC_OUT. Removed bit 4 LED
status.
00h
04h
Removed - LED Status
Register
removed register
n/a
26h
Page 32
Renamed Calibration
Activate and Status
Register and added
functionality
In addition to forcing a calibration, the
register also indicates the status of
calibration for each sensor input.
00h
2Eh
Page 36
New - Base Count Out
of Limit Register
new register for calibration status
00h
44h
Page 26
Added and removed
bits - Configuration 2
Register
Added bit 1 ACAL_FAIL_INT. Changed
bit 4 from BLK_POL_MIR to
BC_OUT_INT. Changed bit 6 from
ALT_POL to BC_OUT_RECAL.
Removed bit 7 INV_LINK_TRAN.
40h
60h
Page 43
New - Power Button
Register
new register for Power Button feature
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59