| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CAP1293 bảng dữ liệu(PDF) 61 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
CAP1293 bảng dữ liệu(HTML) 61 Page - Microchip Technology |
|
61 / 63 page ![]() 2013-2015 Microchip Technology Inc. DS00001566B-page 61 CAP1293 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: CAP1293 Tape and Reel Option TR Tape and Reel Package:(2) AC3 8-pin TDFN SN 8-pin SOIC Examples: a) CAP1293-1-AC3-TR 0b0101_000[r/w] Address 8-pin TDFN package b) CAP1293-2-SN-TR 0b0101_001[r/w] Address 8-pin SOIC package Note 1: Tape and Reel identifier only appears in the catalog part number description. This iden- tifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for pack- age availability with the Tape and Reel option. 2: For other small form-factor package avail- ability and marking information, please visit www.microchip.com/packaging or contact your local sales office. PART NO. [X] XX Package Address Option Device [XX] Tape and Reel Option - - |