công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THS6043IPWPR bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện THS6043IPWPR
Giải thích chi tiết về linh kiện  350mA,12V ADSL CPE LINE DRIVERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

THS6043IPWPR bảng dữ liệu(HTML) 3 Page - Texas Instruments

  THS6043IPWPR Datasheet HTML 1Page - Texas Instruments THS6043IPWPR Datasheet HTML 2Page - Texas Instruments THS6043IPWPR Datasheet HTML 3Page - Texas Instruments THS6043IPWPR Datasheet HTML 4Page - Texas Instruments THS6043IPWPR Datasheet HTML 5Page - Texas Instruments THS6043IPWPR Datasheet HTML 6Page - Texas Instruments THS6043IPWPR Datasheet HTML 7Page - Texas Instruments THS6043IPWPR Datasheet HTML 8Page - Texas Instruments THS6043IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
THS6042, THS6043
350 mA, ±12 V ADSL CPE LINE DRIVERS
SLOS264G − MARCH 2000 − REVISED DECEMBER 2001
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC+ to VCC−
Dual supply
±5
±15
V
Supply voltage, VCC+ to VCC−
Single supply
10
30
V
Operating free-air temperature, TA
C-suffix
0
70
°C
Operating free-air temperature, TA
I-suffix
−40
85
°C
electrical characteristics over recommended operating free-air temperature range, TA = 25°C,
VCC = ±12 V, R(FEEDBACK) = 750 Ω, RL = 100 Ω (unless otherwise noted)
dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G = 1, RF = 560 Ω
120
Small-signal bandwidth
RL = 25 Ω
G = 2, RF = 500 Ω
VCC = ±6 V, ±12 V
95
BW
Small-signal bandwidth
(− 3 dB)
RL = 25
G = 4, RF = 390 Ω
VCC = 6 V, 12 V
75
MHz
BW
(− 3 dB)
RL = 100 Ω
G = 4, RF = 390 Ω
VCC = ±6 V, ±12 V
100
MHz
RL = 100 Ω
G = 8, RF = 280 Ω
VCC = ±6 V, ±12 V
65
G = 2, RF = 390 Ω
VCC = ±15 V
1000
RL = 25 Ω
G = 2, RF = 390 Ω,
VO = 5 Vpp
VCC = ± 12 V
900
RL = 25 Ω
VO = 5 Vpp
VCC = ± 6 V
600
SR
Slew rate (see Note 2)
G = 4, RF = 750 Ω,
VCC = ±15 V
1400
V/
µs
SR
Slew rate (see Note 2)
RL = 100 Ω
G = 4, RF = 750 Ω,
VO = 12 Vpp
VCC = ± 12 V
1200
V/
µs
RL = 100 Ω
G = 4, RF = 750 Ω,
VO = 5 Vpp
VCC = ± 6 V
600
NOTE 2: Slew rate is defined from the 25% to the 75% output levels.
noise/distortion performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Total harmonic distortion
G = 4,
RL = 100 Ω,
V
=
12 V, f = 250 kHz
VO(pp) = 2 V
−79
THD
Total harmonic distortion
(single-ended configuration)
G = 4,
RL = 100 Ω,
VCC = ± 12 V, f = 250 kHz
VO(pp) = 16 V
−75
dBc
THD
(single-ended configuration)
(RF = 390 Ω)
G = 4,
RL = 25 Ω,
V
= 6 V,
f = 250 kHz
VO(pp) = 2 V
−72
dBc
(RF = 390 Ω)
G = 4,
RL = 25 Ω,
VCC = ±6 V,
f = 250 kHz
VO(pp) = 7 V
−68
Vn
Input voltage noise
VCC = ±6 V, ±12 V
f = 10 kHz
2.2
nV/
√Hz
In
Input current noise
+Input
VCC = ± 6 V, ±12 V, ± 15 V
f = 10 kHz
2.1
pA/
√Hz
In
Input current noise
−Input
VCC = ± 6 V, ±12 V, ± 15 V
f = 10 kHz
11
pA/
√Hz
Crosstalk
f = 250 kHz ,
VCC = ± 6 V, ±12 V,
RF = 430 Ω,
RL = 100 Ω
VO = 2 Vpp, G = 4
−71
dBc
Crosstalk
f = 250 kHz ,
VCC = ± 6 V, ±12 V,
RF = 390 Ω,
RL = 25 Ω
VO = 2 Vpp, G = 4
−65
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com