công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMF100CIWM/NOPB bảng dữ liệu(PDF) 31 Page - Texas Instruments

tên linh kiện LMF100CIWM/NOPB
Giải thích chi tiết về linh kiện  Dual High-Performance Switched Capacitor Filters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMF100CIWM/NOPB bảng dữ liệu(HTML) 31 Page - Texas Instruments

Back Button LMF100CIWM/NOPB Datasheet HTML 27Page - Texas Instruments LMF100CIWM/NOPB Datasheet HTML 28Page - Texas Instruments LMF100CIWM/NOPB Datasheet HTML 29Page - Texas Instruments LMF100CIWM/NOPB Datasheet HTML 30Page - Texas Instruments LMF100CIWM/NOPB Datasheet HTML 31Page - Texas Instruments LMF100CIWM/NOPB Datasheet HTML 32Page - Texas Instruments LMF100CIWM/NOPB Datasheet HTML 33Page - Texas Instruments LMF100CIWM/NOPB Datasheet HTML 34Page - Texas Instruments LMF100CIWM/NOPB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
Not Recommended for New Designs
LMF100
www.ti.com
SNOSBG9B – JULY 1999 – REVISED JUNE 2015
Typical Application (continued)
frequency is fs/2 + 100 Hz will cause the system to respond as though the input frequency was fs/2 − 100 Hz.
This phenomenon is known as aliasing, and can be reduced or eliminated by limiting the input signal spectrum to
less than fs/2. This may in some cases require the use of a bandwidth-limiting filter ahead of the LMF100 to limit
the input spectrum. However, because the clock frequency is much higher than the center frequency, this will
often not be necessary.
Another characteristic of sampled-data circuits is that the output signal changes amplitude once every sampling
period, resulting in “steps” in the output voltage which occur at the clock rate (Figure 62). If necessary, these can
be “smoothed” with a simple R-C lowpass filter at the LMF100 output.
The ratio of fCLK to fc (normally either 50:1 or 100:1) will also affect performance. A ratio of 100:1 will reduce any
aliasing problems and is usually recommended for wideband input signals. In noise-sensitive applications, a ratio
of 100:1 will result in 3 dB lower output noise for the same filter configuration.
The accuracy of the fCLK/f0 ratio is dependent on the value of Q. This is shown in the curves under the heading
Figure 54. As Q is changed, the true value of the ratio changes as well. Unless the Q is low, the error in fCLK/f0
will be small. If the error is too large for a specific application, use a mode that allows adjustment of the ratio with
external resistors.
Figure 62. The Sampled-Data Output Waveform
9.2.3 Application Curve
Figure 63. The Wide BW of a Fourth-Order Butterworth LP Implemented With One LMF100
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LMF100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com