công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMF100CIWM/NOPB bảng dữ liệu(PDF) 29 Page - Texas Instruments

tên linh kiện LMF100CIWM/NOPB
Giải thích chi tiết về linh kiện  Dual High-Performance Switched Capacitor Filters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LMF100CIWM/NOPB bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button LMF100CIWM/NOPB Datasheet HTML 25Page - Texas Instruments LMF100CIWM/NOPB Datasheet HTML 26Page - Texas Instruments LMF100CIWM/NOPB Datasheet HTML 27Page - Texas Instruments LMF100CIWM/NOPB Datasheet HTML 28Page - Texas Instruments LMF100CIWM/NOPB Datasheet HTML 29Page - Texas Instruments LMF100CIWM/NOPB Datasheet HTML 30Page - Texas Instruments LMF100CIWM/NOPB Datasheet HTML 31Page - Texas Instruments LMF100CIWM/NOPB Datasheet HTML 32Page - Texas Instruments LMF100CIWM/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
OS(LP(N.INV ))
OS2
3
3
OS(LP(INV ))
OS1
OS2
2
2
V
V
R
R
V
V
1
V
R
R
=
æ
ö
=
+
-
ç
÷
è
ø
OS(HP)
OS2
3
3
3
OS(LP)
OS1
OS2
2
1
2
V
V
R
R
R
V
V
1
V
R
R
R
=
æ
ö
=
+
+
-
ç
÷
è
ø
OS(HP)
OS2
OS(BP)
OS3
OS(LP)
OS1
OS2
OS3
p
p
V
V
V
V
R4
R4
R4
V
V
1
V
V
R
R2
R3
R
R1|| R2 || R3
=
=
é
ù
æ
ö
æ
ö
=
+
-
-
ê
ú
ç
÷
ç
÷
è
ø
è
ø
ê
ú
ë
û
=
Not Recommended for New Designs
LMF100
www.ti.com
SNOSBG9B – JULY 1999 – REVISED JUNE 2015
Typical Application (continued)
Mode 3
Mode 6a and 6c
Mode 6b
Figure 59. Offset Voltage Sources
In many applications, the outputs are AC-coupled and DC offsets are not bothersome unless large signals are
applied to the filter input. However, larger offset voltages will cause clipping to occur at lower AC signal levels,
and clipping at any of the outputs will cause gain nonlinearities and will change f0 and Q. When operating in
Mode 3, offsets can become excessively large if R2 and R4 are used to make fCLK/f0 significantly higher than the
nominal value, especially if Q is also high.
For example, Figure 60 shows a second-order 60-Hz notch filter. This circuit yields a notch with about 40 dB of
attenuation at 60 Hz. A notch is formed by subtracting the bandpass output of a mode 3 configuration from the
input using the unused side B operational amplifier. The Q is 10 and the gain is 1 V/V in the passband. However,
fCLK/f0 = 1000 to allow for a wide input spectrum. This means that for pin 12 tied to ground (100:1 mode),
R4/R2 = 100. The offset voltage at the lowpass output (LP) will be about 3 V. However, this is an extreme case
and the resistor ratio is usually much smaller. Where necessary, the offset voltage can be adjusted by using the
circuit of Figure 61. This allows adjustment of VOS1, which will have varying effects on the different outputs as
described in the above equations. Some outputs cannot be adjusted this way in some modes, however (VOS(BP)
in modes 1a and 3, for example).
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LMF100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com