công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM8328TMX/NOPB bảng dữ liệu(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM8328TMX/NOPB
Giải thích chi tiết về linh kiện  LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM8328TMX/NOPB bảng dữ liệu(HTML) 39 Page - Texas Instruments

Back Button LM8328TMX/NOPB Datasheet HTML 35Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 36Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 37Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 38Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 39Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 40Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 41Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 42Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
LM8328
www.ti.com
SNLS328A – AUGUST 2011 – REVISED MARCH 2013
GPIOIE1 - GPIO Interrupt Enable Register 1
Table 76. GPIOIE1 - GPIO Interrupt Enable Register 1
Register - Name
Address
Type
Register Function
GPIOIE1
0xD3
R/W
Enable/disable interrupts on KPY[7:0]
Bit - Name
Bit
Default
Bit Function
Interrupt enable on KPY[7:0]
KPY[7:0]IE
7:0
0x0
0: disable interrupt
1: enable interrupt
GPIOIE2 - GPIO Interrupt Enable Register 2
Table 77. GPIOIE2 - GPIO Interrupt Enable Register 2
Register - Name
Address
Type
Register Function
GPIOIE2
0xD4
R/W
Enable/disable interrupts on KPY[11:8]
Bit - Name
Bit
Default
Bit Function
(reserved)
7:4
(reserved)
Interrupt enable on KPY[11:8]
KPY[11:8]IE
3:0
0x0
0: disable interrupt
1: enable interrupt
GPIOIC0 - GPIO Clear Interrupt Register 0
Table 78. GPIOIC0 - GPIO Clear Interrupt Register 0
Register - Name
Address
Type
Register Function
GPIOIC0
0xDC
W
Clears the interrupt on KPX[7:0]
Bit - Name
Bit
Default
Bit Function
Clear Interrupt on KPX[7:0]
KPX[7:0]IC
7:0
0: no effect
1: Clear corresponding interrupt
GPIOIC1 - GPIO Clear Interrupt Register 1
Table 79. GPIOIC1 - GPIO Clear Interrupt Register 1
Register - Name
Address
Type
Register Function
GPIOIC1
0xDD
W
Clears the interrupt on KPY[7:0]
Bit - Name
Bit
Default
Bit Function
Clear Interrupt on KPY[7:0]
KPY[7:0]IC
7:0
0: no effect
1: Clear corresponding interrupt
GPIOIC2 - GPIO Clear Interrupt Register 2
Table 80. GPIOIC2 - GPIO Clear Interrupt Register 2
Register - Name
Address
Type
Register Function
GPIOIC2
0xDE
W
Clears the interrupt on KPY[11:8]
Bit - Name
Bit
Default
Bit Function
(reserved)
7:4
(reserved)
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LM8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com