công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM8328TMX/NOPB bảng dữ liệu(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM8328TMX/NOPB
Giải thích chi tiết về linh kiện  LM8328 Mobile I/O Companion Supporting Keyscan, I/O Expansion, PWM, and ACCESS.bus Host Interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM8328TMX/NOPB bảng dữ liệu(HTML) 28 Page - Texas Instruments

Back Button LM8328TMX/NOPB Datasheet HTML 24Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 25Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 26Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 27Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 28Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 29Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 30Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 31Page - Texas Instruments LM8328TMX/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
LM8328
SNLS328A – AUGUST 2011 – REVISED MARCH 2013
www.ti.com
AUTOSLPTI - Auto Sleep Time Register
Table 47. AUTOSLPTI - Auto Sleep Time Register
Register - Name
Address
Type
Register Function
This register defines the activity time. If this time passes without any
AUTOSLPTIL
0x8C
R/W
processing events then the device enters into sleep-mode, but only if
AUTOSLPTIH
0x8D
AUTOSLP.ENABLE bit is set to 1.
Bit - Name
Bit
Default
Bit Function
(reserved)
15:11
(reserved)
Values of UPTIME[10:0] match to multiples of 4ms:
0x00: no autosleep, regardless if AUTOSLP.ENABLE is set
0x01: 4ms
UPTIME[10:8]
10:8
0x00
0x02: 8ms
UPTIME[7:0]
7:0
0xFF
0x7A: 500 ms
0xFF: 1020 ms (default after reset)
0x100: 1024 ms
0x7FF: 8188 ms
IRQST - Global Interrupt Status Register
Table 48. IRQST - Global Interrupt Status Register
Register - Name
Address
Type
Register Function
Returns the interrupt status from various on-chip function blocks. If any of
IRQST
0x91
R
the bits is set and an IRQN line is configured, the IRQN line is asserted
active
Bit - Name
Bit
Default
Bit Function
Supply failure on VCC.
Also power-on is considered as an initial supply failure. Therefore, after
power-on, the bit is set.
PORIRQ
7
0x1
0: no failure recorded
1: Failure, device was completely reset and requires re-programming.
Keyboard interrupt (further key selection in keyboard module)
KBDIRQ
6
0x0
0: inactive
1: active
(reserved)
5:4
(reserved)
Timer2 expiry (CDIRQ or CYCIRQ)
TIM2IRQ
3
0x0
0: inactive
1: active
Timer1 expiry (CDIRQ or CYCIRQ)
TIM1IRQ
2
0x0
0: inactive
1: active
Timer0 expiry (CDIRQ or CYCIRQ)
TIM0IRQ
1
0x0
0: inactive
1: active
GPIO interrupt (further selection in GPIO module)
GPIOIRQ
0
0x0
0: inactive
1: active
GPIO FEATURE CONFIGURATION
GPIO Feature Mapping
The LM8328 has a flexible IO structure which allows to dynamically assign different functionality to each ball. The
functionality of each ball is determined by the complete configuration of the balls.
28
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM8328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com