công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BLF647 bảng dữ liệu(PDF) 12 Page - NXP Semiconductors

tên linh kiện BLF647
Giải thích chi tiết về linh kiện  UHF power LDMOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF647 bảng dữ liệu(HTML) 12 Page - NXP Semiconductors

Back Button BLF647 Datasheet HTML 8Page - NXP Semiconductors BLF647 Datasheet HTML 9Page - NXP Semiconductors BLF647 Datasheet HTML 10Page - NXP Semiconductors BLF647 Datasheet HTML 11Page - NXP Semiconductors BLF647 Datasheet HTML 12Page - NXP Semiconductors BLF647 Datasheet HTML 13Page - NXP Semiconductors BLF647 Datasheet HTML 14Page - NXP Semiconductors BLF647 Datasheet HTML 15Page - NXP Semiconductors BLF647 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
2001 Nov 27
12
Philips Semiconductors
Product specification
UHF power LDMOS transistor
BLF647
handbook, full pagewidth
MGW548
3
3
8
B2
B1
L2
L1
C9
R1
C2
+Vbias
C5
C1
C6
C7
C8
R2
R3
L16
L15
C18
C19
C16
C14
C13
C12
C11
C10
+VD
R4
L14
C20
C15
C17
95
80
95
Fig.12 Printed-circuit board and component layout for class-AB 800 MHz test circuit.
Dimensions in mm.
The components are situated on one side of the Rogers 5880 printed-circuit board, the other side is unetched and serves as a ground plane.
Earth connections from the component side to the ground plane are made by through metallization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16