| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320DM640 bảng dữ liệu(PDF) 60 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM640 bảng dữ liệu(HTML) 60 Page - Texas Instruments |
|
60 / 171 page ![]() Pin Assignments 60 June 2003 − Revised August 2004 SPRS222C Table 1−6. Terminal Functions (Continued) SIGNAL DESCRIPTION IPD/ IPU‡ TYPE† NAME DESCRIPTION IPD/ IPU‡ TYPE† DM640 DM641 GROUND PINS (CONTINUED) F5 F5 F8 F8 F10 F10 F11 F11 F13 F13 F14 F14 F16 F16 F17 F17 F19 F19 F22 F22 G9 G9 G12 G12 G15 G15 G18 G18 H1 H1 H6 H6 VSS H21 H21 GND Ground pins VSS H26 H26 GND Ground pins J5 J5 J7 J7 J20 J20 J22 J22 K6 K6 K21 K21 L1 L1 L6 L6 L21 L21 M7 M7 M13 M13 M15 M15 M20 M20 N5 N5 N6 N6 N12 N12 † I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground ‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite supply rail, a 1-k Ω resistor should be used.) |