công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN65LVDS93A-Q1 bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN65LVDS93A-Q1
Giải thích chi tiết về linh kiện  FlatLink Transmitter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS93A-Q1 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button SN65LVDS93A-Q1 Datasheet HTML 4Page - Texas Instruments SN65LVDS93A-Q1 Datasheet HTML 5Page - Texas Instruments SN65LVDS93A-Q1 Datasheet HTML 6Page - Texas Instruments SN65LVDS93A-Q1 Datasheet HTML 7Page - Texas Instruments SN65LVDS93A-Q1 Datasheet HTML 8Page - Texas Instruments SN65LVDS93A-Q1 Datasheet HTML 9Page - Texas Instruments SN65LVDS93A-Q1 Datasheet HTML 10Page - Texas Instruments SN65LVDS93A-Q1 Datasheet HTML 11Page - Texas Instruments SN65LVDS93A-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
SN65LVDS93A-Q1
SLLSEM1B – FEBRUARY 2015 – REVISED APRIL 2015
www.ti.com
6.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Delay time, CLKOUT
↑ after Yn valid
t0
(serial bit position 0, equal D1, D9,
-0.1
0
0.1
ns
D20, D5)
Delay time, CLKOUT
↑ after Yn valid
t1
(serial bit position 1, equal D0, D8,
1/
7 tc - 0.1
1/
7 tc + 0.1
ns
D19, D27)
Delay time, CLKOUT
↑ after Yn valid
t2
(serial bit position 2, equal D7, D18,
2/
7 tc - 0.1
2/
7 tc + 0.1
ns
D26. D23)
Delay time, CLKOUT
↑ after Yn valid
See Figure 10, tC = 10ns,
t3
(serial bit position 3; equal D6, D15,
3/
7 tc - 0.1
3/
7 tc + 0.1
ns
|Input clock jitter| < 25ps (2)
D25, D17)
Delay time, CLKOUT
↑ after Yn valid
t4
(serial bit position 4, equal D4, D14,
4/
7 tc - 0.1
4/
7 tc + 0.1
ns
D24, D16)
Delay time, CLKOUT
↑ after Yn valid
t5
(serial bit position 5, equal D3, D13,
5/
7 tc - 0.1
5/
7 tc + 0.1
ns
D22, D11)
Delay time, CLKOUT
↑ after Yn valid
t6
(serial bit position 6, equal D2, D12,
6/
7 tc - 0.1
6/
7 tc + 0.1
ns
D21, D10)
tc(o)
Output clock period
tc
ns
tC = 10ns; clean reference clock, see
±26
Figure 11
tC = 10ns with 0.05UI added noise
±44
modulated at 3MHz, see Figure 11
Δtc(o)
Output clock cycle-to-cycle jitter (3)
ps
tC = 7.4ns; clean reference clock,
±35
see Figure 11
tC = 7.4ns with 0.05UI added noise
±42
modulated at 3MHz, see Figure 11
High-level output clock pulse
tw
4/
7 tc
ns
duration
Differential output voltage transition
tr/f
See Figure 7
225
500
ps
time (tr or tf)
Enable time, SHTDN
↑ to phase lock
ten
f(clk) = 135 MHz, See Figure 12
6
µs
(Yn valid)
Disable time, SHTDN
↓ to off-state
tdis
f(clk) = 135 MHz, See Figure 13
7
ns
(CLKOUT high-impedance)
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
|Input clock jitter| is the magnitude of the change in the input clock period.
(3)
The output clock cycle-to-cycle jitter is the largest recorded change in the output clock period from one cycle to the next cycle observed
over 15,000 cycles.Tektronix TDSJIT3 Jitter Analysis software was used to derive the maximum and minimum jitter value.
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: SN65LVDS93A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35