công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN65LVDS93A-Q1 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN65LVDS93A-Q1
Giải thích chi tiết về linh kiện  FlatLink Transmitter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS93A-Q1 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  SN65LVDS93A-Q1 Datasheet HTML 1Page - Texas Instruments SN65LVDS93A-Q1 Datasheet HTML 2Page - Texas Instruments SN65LVDS93A-Q1 Datasheet HTML 3Page - Texas Instruments SN65LVDS93A-Q1 Datasheet HTML 4Page - Texas Instruments SN65LVDS93A-Q1 Datasheet HTML 5Page - Texas Instruments SN65LVDS93A-Q1 Datasheet HTML 6Page - Texas Instruments SN65LVDS93A-Q1 Datasheet HTML 7Page - Texas Instruments SN65LVDS93A-Q1 Datasheet HTML 8Page - Texas Instruments SN65LVDS93A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
SN65LVDS93A-Q1
www.ti.com
SLLSEM1B – FEBRUARY 2015 – REVISED APRIL 2015
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Supply voltage range, VCC, IOVCC, LVDSVCC, PLLVCC(2)
–0.5
4
V
Voltage range at any output terminal
–0.5
VCC + 0.5
V
Voltage range at any input terminal
–0.5
IOVCC + 0.5
V
Continuous power dissipation
See Thermal Information
Storage temperature, Tstg
–65
150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
All voltages are with respect to the GND terminals.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC Q200-002(1)
±4000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per AEC Q100-011
±1500
(1)
AEC Q200-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
3.6
LVDS output Supply voltage, LVDSVCC
3
3.3
3.6
PLL analog supply voltage, PLLVCC
3
3.3
3.6
V
IO input reference supply voltage, IOVCC
1.62
1.8 / 2.5 / 3.3
3.6
Power supply noise on any VCC terminal
0.1
IOVCC = 1.8 V
IOVCC/2 + 0.3 V
High-level input voltage, VIH
IOVCC = 2.5 V
IOVCC/2 + 0.4 V
V
IOVCC = 3.3 V
IOVCC/2 + 0.5 V
IOVCC = 1.8 V
IOVCC/2 - 0.3 V
Low-level input voltage, VIL
IOVCC = 2.5 V
IOVCC/2 - 0.4 V
V
IOVCC = 3.3 V
IOVCC/2 - 0.5 V
Differential load impedance, ZL
90
132
Operating free-air temperature, TA
–40
85
°C
Virtual junction temperature, TJ
105
°C
6.4 Thermal Information
DGG
THERMAL METRIC(1)
UNIT
56 PINS
RθJA
Junction-to-ambient thermal resistance
63.4
RθJC(top)
Junction-to-case (top) thermal resistance
15.9
RθJB
Junction-to-board thermal resistance
32.5
°C/W
ψJT
Junction-to-top characterization parameter
0.4
ψJB
Junction-to-board characterization parameter
32.2
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN65LVDS93A-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com