| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320VC5509 bảng dữ liệu(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC5509 bảng dữ liệu(HTML) 29 Page - Texas Instruments |
|
29 / 122 page ![]() Introduction 29 April 2001 − Revised September 2004 SPRS163G Table 2−3. Signal Descriptions (Continued) TERMINAL NAME RESET CONDITION BK‡ FUNCTION I/O/Z† MULTIPLEXED SIGNAL NAME SUPPLY PINS CVDD S Digital Power, + VDD. Dedicated power supply for the core CPU. RVDD S Digital Power, + VDD. Dedicated power supply for on-chip memory. DVDD S Digital Power, + VDD. Dedicated power supply for the I/O pins. USBVDD S Digital Power, + VDD. Dedicated power supply for the I/O of the USB module (DP, DN , and PU) RDVDD S Digital Power, + VDD. Dedicated power supply for the I/O pins of the RTC module. RCVDD S Digital Power, + VDD. Dedicated power supply for the RTC module AVDD S Analog Power, + VDD. Dedicated power supply for the 10-bit A/D. ADVDD S Analog Digital Power, + VDD. Dedicated power supply for the digital portion of the 10-bit A/D. VSS S Digital Ground. Dedicated ground for the I/O and core pins. AVSS S Analog Ground. Dedicated ground for the 10-bit A/D. ADVSS S Analog Digital Ground. Dedicated ground for the digital portion of the10-bit A/D. MISCELLANEOUS NC No connection † I = Input, O = Output, S = Supply, Hi-Z = High-impedance ‡ BK = bus keeper (the bus keeper maintains the previous voltage level during reset or while the output pin is not driven), PU = pullup, PD = pulldown, H = hysteresis input buffer |