công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2907M/NOPB bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM2907M/NOPB
Giải thích chi tiết về linh kiện  Frequency to Voltage Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2907M/NOPB bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM2907M/NOPB Datasheet HTML 1Page - Texas Instruments LM2907M/NOPB Datasheet HTML 2Page - Texas Instruments LM2907M/NOPB Datasheet HTML 3Page - Texas Instruments LM2907M/NOPB Datasheet HTML 4Page - Texas Instruments LM2907M/NOPB Datasheet HTML 5Page - Texas Instruments LM2907M/NOPB Datasheet HTML 6Page - Texas Instruments LM2907M/NOPB Datasheet HTML 7Page - Texas Instruments LM2907M/NOPB Datasheet HTML 8Page - Texas Instruments LM2907M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LM2907-N, LM2917-N
www.ti.com
SNAS555C – JUNE 2000 – REVISED MARCH 2013
LM2907/LM2917 Frequency to Voltage Converter
Check for Samples: LM2907-N, LM2917-N
1
FEATURES
DESCRIPTION
The
LM2907,
LM2917
series
are
monolithic
2
•
Ground Referenced Tachometer Input
frequency to voltage converters with a high gain op
Interfaces Directly With Variable Reluctance
amp/comparator designed to operate a relay, lamp, or
Magnetic Pickups
other load when the input frequency reaches or
•
Op Amp/Comparator Has Floating Transistor
exceeds a selected rate. The tachometer uses a
Output
charge
pump
technique
and
offers
frequency
doubling for low ripple, full input protection in two
•
50 mA Sink or Source to Operate Relays,
versions (LM2907-8, LM2917-8) and its output swings
Solenoids, Meters, or LEDs
to ground for a zero frequency input.
•
Frequency Doubling For Low Ripple
The op amp/comparator is fully compatible with the
•
Tachometer Has Built-In Hysteresis With
tachometer and has a floating transistor as its output.
Either Differential Input or Ground Referenced
This feature allows either a ground or supply referred
Input
load of up to 50 mA. The collector may be taken
•
Built-In Zener on LM2917
above VCC up to a maximum VCE of 28V.
•
±0.3% Linearity Typical
The two basic configurations offered include an 8-pin
•
Ground Referenced Tachometer is Fully
device with a ground referenced tachometer input
Protected From Damage Due to Swings Above
and an internal connection between the tachometer
output and the op amp non-inverting input. This
VCC and Below Ground
version is well suited for single speed or frequency
switching or fully buffered frequency to voltage
APPLICATIONS
conversion applications.
•
Over/Under Speed Sensing
The more versatile configurations provide differential
•
Frequency to Voltage Conversion
tachometer input and uncommitted op amp inputs.
(Tachometer)
With this version the tachometer input may be floated
•
Speedometers
and the op amp becomes suitable for active filter
conditioning of the tachometer output.
•
Breaker Point Dwell Meters
•
Hand-Held Tachometer
Both of these configurations are available with an
active shunt regulator connected across the power
•
Speed Governors
leads. The regulator clamps the supply such that
•
Cruise Control
stable frequency to voltage and frequency to current
•
Automotive Door Lock Control
operations are possible with any supply voltage and a
suitable resistor.
•
Clutch Control
•
Horn Control
•
Touch or Sound Switches
ADVANTAGES
•
Output Swings to Ground For Zero Frequency
Input
•
Easy to Use; VOUT = fIN × VCC × R1 × C1
•
Only One RC Network provides Frequency
Doubling
•
Zener Regulator on Chip allows Accurate and
Stable Frequency to Voltage or Current
Conversion (LM2917)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM2907M/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2907M/NOPB TI2-LM2907M/NOPB Datasheet
4Mb / 44P
LM2907 and LM2917 Frequency to Voltage Converter
REVISED DECEMBER 2016
LM2907M/NOPB.B TI2-LM2907M/NOPB.B Datasheet
4Mb / 44P
LM2907 and LM2917 Frequency to Voltage Converter
REVISED DECEMBER 2016
More results

Mô tả tương tự - LM2907M/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD650 AD-AD650 Datasheet
284Kb / 12P
Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV.A
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
AD650 AD-AD650_17 Datasheet
449Kb / 21P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
ADVFC32 AD-ADVFC32_17 Datasheet
375Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com