công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM317KCS bảng dữ liệu(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM317KCS
Giải thích chi tiết về linh kiện  3-Terminal Adjustable Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM317KCS bảng dữ liệu(HTML) 14 Page - Texas Instruments

Back Button LM317KCS Datasheet HTML 10Page - Texas Instruments LM317KCS Datasheet HTML 11Page - Texas Instruments LM317KCS Datasheet HTML 12Page - Texas Instruments LM317KCS Datasheet HTML 13Page - Texas Instruments LM317KCS Datasheet HTML 14Page - Texas Instruments LM317KCS Datasheet HTML 15Page - Texas Instruments LM317KCS Datasheet HTML 16Page - Texas Instruments LM317KCS Datasheet HTML 17Page - Texas Instruments LM317KCS Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
480
Ω
120
Ω
INPUT
OUTPUT
ADJUST
LM317
VI
120
Ω
480
Ω
INPUT
OUTPUT
ADJUST
LM317
VI
12 VI(PP)
6 VO(PP)
2 W (TYP)
R1
240
Ω
INPUT
OUTPUT
ADJUST
LM317
VO = 15 V
VI
D1
1N4002
R2
2.7 k
Ω
C1
25
µF
R3
50 k
Ω
2N2905
INPUT
OUTPUT
ADJUST
LM317
VI
24
Ω
LM317
SLVS044W – SEPTEMBER 1997 – REVISED OCTOBER 2014
www.ti.com
System Examples (continued)
9.3.8 50-mA Constant-Current Battery-Charger Circuit
The current limit operation mode can be used to trickle charge a battery at a fixed current. ICHG = 1.25V÷24Ω. VI
should be greater than VBAT + 4.25 V. (1.25V [VREF]+ 3V [headroom])
Figure 19. 50-mA Constant-Current Battery-Charger Circuit
9.3.9 Slow Turn-On 15-V Regulator Circuit
The capacitor C1, in combination with the PNP transistor, helps the circuit to slowly start supplying voltage. In the
beginning, the capacitor is not charged. Therefore output voltage will start at VC1+ VBE + 1.25V = 0V + 0.65V +
1.25V = 1.9V. As the capacitor voltage rises, VOUT will as rise at the same rate. When the output voltage reaches
the value determined by R1 and R2, the PNP will be turned off.
Figure 20. Slow Turn-On 15-V Regulator Circuit
9.3.10 AC Voltage-Regulator Circuit
These two LM317s can regulate both the positive and negative swings of a sinusoidal AC input.
Figure 21. AC Voltage-Regulator Circuit
14
Submit Documentation Feedback
Copyright © 1997–2014, Texas Instruments Incorporated
Product Folder Links: LM317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com