| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM8993 bảng dữ liệu(PDF) 132 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8993 bảng dữ liệu(HTML) 132 Page - Wolfson Microelectronics plc |
|
132 / 229 page ![]() WM8993 Production Data w PD, November 2010, Rev 4.0 132 N.K = FVCO / (FLL_FRATIO x FREF) Note that FREF is the input frequency, after division by FLL_CLK_REF_DIV, where applicable. For best performance, FLL Fractional Mode should always be used. Therefore, if the calculations yield an integer value of N.K, then it is recommended to adjust FLL_FRATIO in order to obtain a non- integer value of N.K. The register fields that control the FLL are described in Table 89. Example settings for a variety of reference frequencies and output frequencies are shown in Table 91. |