công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8595 bảng dữ liệu(PDF) 9 Page - Wolfson Microelectronics plc

tên linh kiện WM8595
Giải thích chi tiết về linh kiện  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8595 bảng dữ liệu(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8595 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8595 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
Production Data
WM8595
w
PD, Rev 4.2, January 2011
9
Test Conditions
AVDD2=9V, AVDD1=DVDD=3.3V, AGND1=AGND2=0V, DGND=0V, TA=+25˚C, 1kHz signal, fs=48kHz, MCLK=256fs unless otherwise stated
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Performance
Signal to Noise Ratio1,5
SNR
A-weighted, 0dB gain
@ fs = 48kHz
85
96
dB
A-weighted, 0dB gain
@ fs = 96kHz
98
dB
Dynamic Range2,5
DNR
A-weighted, -60dB full
scale input
85
96
dB
Total Harmonic Distortion3,5
THD
1kHz, -1dBFS
@ fs = 48kHz
-80
-70
dB
1kHz, -1dBFS
@ fs = 96kHz
-78
dB
Channel Separation4,5
1kHz
110
dB
Channel Level Matching
0.1
dB
Channel Phase Deviation
1kHz
0.01
Degree
Power Supply Rejection Ratio
PSRR
1kHz, 100mVpp
70
dB
20Hz to 20kHz,
100mVpp
52
dB
Digital Volume Control
ADC minimum digital volume
-97
dB
ADC maximum digital volume
+30
dB
ADC volume step size
0.5
dB
DAC minimum digital volume
-100
dB
DAC maximum digital volume
+12
dB
DAC volume step size
0.5
dB
Analogue Volume Control
Minimum gain
-73.5
dB
Maximum gain
+6
dB
Step size
0.5
dB
Mute attenuation
120
dB
Crosstalk
DAC to ADC
1kHz signal,
ADC fs=48kHz,
DAC fs=44.1kHz
100
dB
20kHz signal,
ADC fs=48kHz,
DAC fs=44.1kHz
100
dB
ADC to DAC
1kHz signal,
ADC fs=48kHz,
DAC fs=44.1kHz
100
dB
20kHz signal,
ADC fs=48kHz,
DAC fs=44.1kHz
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com