| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AN983 bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AN983 bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers |
|
8 / 91 page ![]() AN983B PCI/miPCI Fast Ethernet Controller with integrated PHY FIGURE INDEX Fig - 1 System diagram of the AN983B ...................................................................................10 Fig - 2 Block diagram of the AN983B .....................................................................................13 Fig - 3 Pin assignment ..............................................................................................................14 Fig - 4 Initializatin flow............................................................................................................56 Fig - 5 Ring structure of frame buffer ......................................................................................57 Fig - 6 Chain structure of frame buffer.....................................................................................58 Fig - 7 Transmit pointers for descriptor management ..............................................................59 Fig - 8 Receive pointers for descriptor management................................................................60 Fig - 9 Transmit flow................................................................................................................61 Fig - 10 Transmit data flow of pre-fetch data...........................................................................62 Fig - 11 Transmit normal interrupt and early interrupt comparison .........................................62 Fig - 12 Receive data flow (without early interrupt and with early interrupt)..........................63 Fig - 13 Detailed receive early interrupt flow ..........................................................................64 Fig - 14 MAC Control Frame Format ......................................................................................70 Fig - 15 PAUSE operation receive state diagram.....................................................................71 Fig - 16 PCI Clock Waveform..................................................................................................79 Fig - 17 PCI Timings ................................................................................................................81 Fig - 18 Flash write timings......................................................................................................82 Fig - 19 Flash read timings .......................................................................................................83 Fig - 20 Serial EEPROM timing ..............................................................................................84 Fig - 21 Transmit signal timing relationships at the MII………..……………………………………..887 Fig - 22 Receive signal timing relations at the MII ……..…………………………..……..87 Fig - 23 MDIO sourced by MAC……………………………………………………………..87 Fig - 24 MDIO sourced by PHY …...……………………………………………………..87 Fig - 25 Package outline for the AN983B/AN983BL …...……………………………..87 ADMtek Inc. www.admtek.com.tw Rev. 1.8 8 |