công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FMD28-461 bảng dữ liệu(PDF) 6 Page - Interpoint Corporation Company

tên linh kiện FMD28-461
Giải thích chi tiết về linh kiện  EMI Input Filters 28 Volt input ??7 Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERPOINT [Interpoint Corporation Company]
Trang chủ  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMD28-461 bảng dữ liệu(HTML) 6 Page - Interpoint Corporation Company

  FMD28-461_14 Datasheet HTML 1Page - Interpoint Corporation Company FMD28-461_14 Datasheet HTML 2Page - Interpoint Corporation Company FMD28-461_14 Datasheet HTML 3Page - Interpoint Corporation Company FMD28-461_14 Datasheet HTML 4Page - Interpoint Corporation Company FMD28-461_14 Datasheet HTML 5Page - Interpoint Corporation Company FMD28-461_14 Datasheet HTML 6Page - Interpoint Corporation Company FMD28-461_14 Datasheet HTML 7Page - Interpoint Corporation Company FMD28-461_14 Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
0.040 dia.
(1.02)
5
4
3
1
2
0.173
(4.39)
0.000
1.173 (29.79)
0.673
(17.09)
BOTTOM VIEW CASE J4
Solder Seal
Solder Tip-off
Squared corner and dot on top
of case indicate pin one.
1.350 max. (34.29)
Flange Thickness: 0.067 +0.005/-0.007 (1.70 +0.13/-0.8)
Weight: 55 grams typical
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device. Solder pins
individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold compression glass seal.
Gold plating of 50 - 150 microinches included in pin diameter.
Seal Hole: 0.091 ±0.002 (2.31 ±0.05)
Case J4 FMD, Rev G, 2014.02.05
Please refer to the numerical dimensions for accuracy.
2 x R 0.170 (4.32)
(2.720 max (69.09))
2 x Dia 0.162 ±0.002
(4.11 ±0.05)
FIguRe 6: case J4 - FMd28-461
Crane Aerospace & Electronics Power Solutions
Page 6 of 8
FMD28-461 eMi input Filters
28 Volt input – 7 aMp
FMD28 Rev AA - 2014.02.06
www.craneae.com/interpoint



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com