công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FMD28-461 bảng dữ liệu(PDF) 5 Page - Interpoint Corporation Company

tên linh kiện FMD28-461
Giải thích chi tiết về linh kiện  EMI Input Filters 28 Volt input ??7 Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERPOINT [Interpoint Corporation Company]
Trang chủ  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMD28-461 bảng dữ liệu(HTML) 5 Page - Interpoint Corporation Company

  FMD28-461_14 Datasheet HTML 1Page - Interpoint Corporation Company FMD28-461_14 Datasheet HTML 2Page - Interpoint Corporation Company FMD28-461_14 Datasheet HTML 3Page - Interpoint Corporation Company FMD28-461_14 Datasheet HTML 4Page - Interpoint Corporation Company FMD28-461_14 Datasheet HTML 5Page - Interpoint Corporation Company FMD28-461_14 Datasheet HTML 6Page - Interpoint Corporation Company FMD28-461_14 Datasheet HTML 7Page - Interpoint Corporation Company FMD28-461_14 Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
taBle 4: OpeRatIng cOndItIOns 25°c case, 28 vdc In, unless OtheRwIse specIFIed
Note
1. Guaranteed by design and/or analysis. Not an in-line test.
2. 0.5 ohm source impedance
Note
1. Guaranteed by design and/or analysis. Not an in-line test.
FMD28-461
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT VOLTAGE
CONTINUOUS
0
28
50 1
VDC
TRANSIENT 100 ms 1, 2
-100
100
V
NOISE REJECTION
500 kHz
50
60
dB
1 MHz
45
55
DC RESISTANCE (RDC)
AT MAXIMUM CURRENT 1
TC = 25°C
0.12
Ω
TC = 125°C
0.15
CAPACITANCE 1
ANY PIN TO CASE
20,000
pF
OUTPUT VOLTAGE
STEADY STATE
VOUT = VIN - IIN (RDC)
VDC
OUTPUT CURRENT
STEADY STATE
7
A
POWER DISSIPATION
AT MAXIMUM CURRENT 1
TC = 25°C
6.0
W
TC = 125°C 1
7.4
taBle 5: electRIcal chaRacteRIstIcs 25°c case, 28 vIn, unless OtheRwIse specIFIed
Crane Aerospace & Electronics Power Solutions
Page 5 of 8
FMD28-461 eMi input Filters
28 Volt input – 7 aMp
FMD28 Rev AA - 2014.02.06
www.craneae.com/interpoint
FMD28-461
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LEAD SOLDERING TEMPERATURE 1
10 seconds max.
300
°C
STORAGE TEMPERATURE 1
-65
+150
°C
CASE OPERATING
FULL POWER
-55
+125
°C
TEMPERATURE 1
ABSOLUTE
-55
+135
DERATING OUTPUT POWER/CURRENT 1
LINEARLY
From 100% at 125°C to 0% at 135°C
ISOLATION, ANY PIN TO CASE
EXCEPT CASE PIN
@ 500 VDC AT 25°C
100
Megohms



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com