| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DP83266VF bảng dữ liệu(PDF) 4 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83266VF bảng dữ liệu(HTML) 4 Page - National Semiconductor (TI) |
|
4 / 152 page ![]() 20 General Features The DP83266 MACSI device is a highly integrated FDDI controller Together with the DP8325657 PLAYERa de- vice it forms a full-featured high performance FDDI chip set useful for designing end station attachments concentrators bridges routers and other FDDI connections The MACSI device provides all of the features and services of both the DP83261 BMAC device and the DP83265 BSI-2 device with enhanced performance and reliability For system connection the MACSI device provides a simple yet powerful bus interface and memory management scheme to maximize system efficiency and it is capable of interfacing to a variety of host busesenvironments The MACSI device provides a 32-bit wide data interface which can be configured to share a system bus to main memory or to use external shared memory Also provided are 28-bit addresses multiplexed on the data pins as well as demulti- plexed on dedicated pins The system interface supports virtual addressing using fixed-size pages For network connection the MACSI device provides many services which simplify network management and increase system performance and reliability The MACSI device is capable of batching confirmation and indication status fil- tering MAC frames with the same Information field as well as Void frames and performing network monitoring func- tions 21 FDDI MAC SUPPORT The MACSI device implements the ANSI X3T95 FDDI MAC standard protocol for transmitting receiving repeating and stripping frames The MACSI device provides all of the infor- mation necessary to implement the service primitives de- fined in the standard 22 MAC ADDRESSING SUPPORT Both long (48-bit) and short (16-bit) addressing are support- ed simultaneously for both Individual and Group addresses 23 MAC BRIDGING SUPPORT Several features are provided to increase performance in bridging applications On the receive side external address matching logic can be used to examine the PH Indicate byte stream to decide whether to copy a frame how to set the control indicators and how to increment the counters On the transmit side transparency options are provided on the Source Address the most significant bit of the Source Address and the Frame Check Sequence (FCS) In addition support for an alternate stripping mechanism (implemented using My Void frames) provides maximum flexibility in the generation of frames by allowing the use of Source Address Transparency (SAT) 24 MAC SERVICE CLASS SUPPORT All FDDI MAC service classes are supported by the MACSI device including Synchronous Asynchronous Restricted Asynchronous and Immediate service classes For Synchronous transmission one or more frames are transmitted in accordance with the station’s synchronous bandwidth allocation For Asynchronous transmission one programmable asyn- chronous priority threshold is supported in addition to the threshold at the Negotiated Target Token Rotation time For Restricted Asynchronous transmission support is pro- vided to begin continue and end restricted dialogues For Immediate transmissions support is provided to send frames from either the Data Beacon or Claim states and either ignore or respond to the received byte stream After an immediate transmission a token may optionally be is- sued 25 DIAGNOSTIC COUNTERS The MACSI device includes a number of diagnostic coun- ters and timers that monitor ring and station performance These counters allow measurement of the following Number of frames transmitted and received by the station Number of frames copied as well as frames not copied Frame error rate of an incoming physical connection to the MAC Load on the ring based on the number of tokens re- ceived and the ring latency Ring latency Lost frames The size of these counters has been selected to keep the frequency of overflow small even under worst case operat- ing conditions 26 MANAGEMENT SERVICES The MACSI device provides management services to the Host System via the Control Bus Interface This interface allows access to internal registers to control and configure the MACSI device 27 RING PARAMETER TUNING The MACSI device includes settable parameters to allow tuning of the network to increase performance over a large range of network sizes The MACSI device supports systems of two stations with little cable between them to ring configurations much larger than the 1000 physical attachments andor 200 kilometer distance that are specified as the default values in the stan- dard The MACSI device also handles frames larger than the 4500 byte default maximum frame size as specified in the standard 28 MULTI-FRAME STREAMING INTERFACE The MACSI device provides an interface to support multi- frame streaming Multiple frames can be transmitted after a token is captured within the limits of the token timer thresh- olds 29 BEACON CLAIM AND VOID FRAMES GENERATION For purposes of transient token and ring recovery no proc- essor intervention is required The MACSI device automati- cally generates the appropriate MAC frames 210 SELF TESTING Since the MACSI device has a full duplex architecture loop- back testing is possible before entering the ring and during normal ring operation There are several possible loopback paths Internal to the MACSI device Through the PLAYERa device(s) using the PLAYERa configuration switch Through the PLAYERa Clock Recovery Module 4 |