công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DP83266VF bảng dữ liệu(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện DP83266VF
Giải thích chi tiết về linh kiện  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF bảng dữ liệu(HTML) 3 Page - National Semiconductor (TI)

  DP83266VF Datasheet HTML 1Page - National Semiconductor (TI) DP83266VF Datasheet HTML 2Page - National Semiconductor (TI) DP83266VF Datasheet HTML 3Page - National Semiconductor (TI) DP83266VF Datasheet HTML 4Page - National Semiconductor (TI) DP83266VF Datasheet HTML 5Page - National Semiconductor (TI) DP83266VF Datasheet HTML 6Page - National Semiconductor (TI) DP83266VF Datasheet HTML 7Page - National Semiconductor (TI) DP83266VF Datasheet HTML 8Page - National Semiconductor (TI) DP83266VF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 152 page
background image
10 FDDI Chip Set Overview
National Semiconductor’s FDDI chip set is shown in
Figure
1-1 For more information about the PLAYERaTM device
consult the appropriate datasheet and application notes
DP8325656-AP57 PLAYERa
Device Physical Layer Controller
The PLAYERa device implements the Physical Layer
(PHY) protocol as defined by the ANSI FDDI PHY X3T95
Standard along with all the necessary clock recovery and
clock generation functions
Features
 Single chip FDDI Physical Layer (PHY) solution
 Integrated Digital Clock Recovery Module provides en-
hanced tracking and greater lock acquisition range
 Integrated Clock Generation Module provides all neces-
sary clock signals for an FDDI system from an external
125 MHz reference
 Alternate PMD Interface (DP83256-AP57) Supports
UTP twisted pair FDDI PMDS with no external clock re-
covery or clock generations functions required
 No External Filter Components
 Connection Management (CMT) Support (LEM TNE
PC
React CF
React Auto Scrubbing)
 Full on-chip configuration switch
 Low Power CMOS-BIPOLAR design using a single 5V
supply
 Full duplex operation with through parity
 Separate management interface (Control Bus)
 Selectable Parity on PHY-MAC Interface and Control Bus
Interface
 Two levels of on-chip loopback
 4B5B encoderdecoder
 Framing logic
 Elasticity Buffer Repeat Filter and Smoother
 Line state detectorgenerator
 Supports single attach stations dual attach stations and
concentrators with no external logic
 DP8325656-AP for SASDAS single path stations
 DP83257 for SASDAS singledual path stations
In
addition
the
DP83257
contains
an
additional
PHY
Datarequest and PHY
Dataindicate port required
for concentrators and dual attach stations
DP83266 MACSI Device
Media Access Controller and
System Interface
The MACSI device implements the Timed Token Media Ac-
cess Control protocol defined by the ANSI FDDI X3T95
MAC Standard as well as a high performance system inter-
face
Features
 Over 9 kBytes of on-chip FIFO
 5 DMA channels (2 Output and 3 Input)
 125 MHz to 25 MHz operation
 Full duplex operation with through parity
 Supports JTAG boundary scan
 Real-time Void stripping indicator for bridges
 On-chip address bit swapping capability
 32-bit wide AddressData path with byte parity
 Programmable transfer burst sizes of 4 or 8 32-bit words
 Receive frame filtering services
 Frame-per-Page mode controllable on each
DMA channel
 Demultiplexed Addresses supported on ABus
 New multicast address matching feature
 ANSI X3T95 MAC standard defined ring service options
 Supports all FDDI Ring Scheduling Classes
(Synchronous Asynchronous etc)
 Supports Individual Group Short Long and
External Addressing
 Generates Beacon Claim and Void frames
 Extensive ring and station statistics gathering
 Extensions for MAC level bridging
 Enhanced SBus compatibility
 Interfaces to DRAMs or directly to system bus
 Supports frame HeaderInfo splitting
 Programmable Big or Little Endian alignment
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More