| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FCT162H501CTPVCG4 bảng dữ liệu(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
FCT162H501CTPVCG4 bảng dữ liệu(HTML) 8 Page - Texas Instruments |
|
8 / 22 page ![]() PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 74FCT162501ATPVCT ACTIVE SSOP DL 56 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74FCT162501CTPACT ACTIVE TSSOP DGG 56 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74FCT162501CTPVCT ACTIVE SSOP DL 56 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74FCT162501ETPACT OBSOLETE TSSOP DGG 56 TBD Call TI Call TI 74FCT162501ETPVCT OBSOLETE SSOP DL 56 TBD Call TI Call TI 74FCT162H501CTPACT ACTIVE TSSOP DGG 56 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74FCT162H501CTPVC ACTIVE SSOP DL 56 20 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 74FCT162H501ETPAC OBSOLETE TSSOP DGG 56 TBD Call TI Call TI 74FCT162H501ETPACT OBSOLETE TSSOP DGG 56 TBD Call TI Call TI 74FCT162H501ETPVC OBSOLETE SSOP DL 56 TBD Call TI Call TI 74FCT162H501ETPVCT OBSOLETE SSOP DL 56 TBD Call TI Call TI 74FCT16501ATPVCG4 ACTIVE SSOP DL 56 20 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CY74FCT162501ETPAC OBSOLETE TSSOP DGG 56 TBD Call TI Call TI CY74FCT162501ETPVC OBSOLETE SSOP DL 56 TBD Call TI Call TI CY74FCT16501ATPVC ACTIVE SSOP DL 56 20 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CY74FCT16501ETPAC OBSOLETE TSSOP DGG 56 TBD Call TI Call TI CY74FCT16501ETPACT OBSOLETE TSSOP DGG 56 TBD Call TI Call TI CY74FCT16501ETPVC OBSOLETE SSOP DL 56 TBD Call TI Call TI CY74FCT16501ETPVCT OBSOLETE SSOP DL 56 TBD Call TI Call TI FCT162501ATPVCTG4 ACTIVE SSOP DL 56 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM FCT162501CTPACTE4 ACTIVE TSSOP DGG 56 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM FCT162501CTPACTG4 ACTIVE TSSOP DGG 56 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM FCT162501CTPVCTG4 ACTIVE SSOP DL 56 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM FCT162H501CTPACTE4 ACTIVE TSSOP DGG 56 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM FCT162H501CTPACTG4 ACTIVE TSSOP DGG 56 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM FCT162H501CTPVCG4 ACTIVE SSOP DL 56 20 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. PACKAGE OPTION ADDENDUM www.ti.com 11-Nov-2009 Addendum-Page 1 |