công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FCT162H501CTPVCG4 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện FCT162H501CTPVCG4
Giải thích chi tiết về linh kiện  18-Bit Registered Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

FCT162H501CTPVCG4 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  FCT162H501CTPVCG4 Datasheet HTML 1Page - Texas Instruments FCT162H501CTPVCG4 Datasheet HTML 2Page - Texas Instruments FCT162H501CTPVCG4 Datasheet HTML 3Page - Texas Instruments FCT162H501CTPVCG4 Datasheet HTML 4Page - Texas Instruments FCT162H501CTPVCG4 Datasheet HTML 5Page - Texas Instruments FCT162H501CTPVCG4 Datasheet HTML 6Page - Texas Instruments FCT162H501CTPVCG4 Datasheet HTML 7Page - Texas Instruments FCT162H501CTPVCG4 Datasheet HTML 8Page - Texas Instruments FCT162H501CTPVCG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
CY74FCT16501T
CY74FCT162501T
CY74FCT162H501T
5
Switching Characteristics Over the Operating Range[18]
CY74FCT16501AT
CY74FCT162501AT
CY74FCT162501CT
CY74FCT162H501CT
Fig.
No.[19]
Parameter
Description
Min.
Max.
Min.
Max.
Unit
fMAX
CLKAB or CLKBA
frequency[20]
—
150
—
150
MHz
—
tPLH
tPHL
Propagation Delay
A to B or B to A
1.5
5.1
1.5
4.6
ns
1,3
tPLH
tPHL
Propagation Delay
LEBA to A, LEAB to B
1.5
5.6
1.5
5.3
ns
1,5
tPLH
tPHL
Propagation Delay
CLKBA to A,
CLKAB to B
1.5
5.6
1.5
5.3
ns
1,5
tPZH
tPZL
Output Enable Time
OEBA to A, OEAB to B
1.5
6.0
1.5
5.6
ns
1,7,8
tPHZ
tPLZ
Output Disable Time
OEBA to A, OEAB to B
1.5
5.6
1.5
5.2
ns
1,7,8
tSU
Set-Up Time, HIGH or LOW
A to CLKAB,
B to CLKBA
3.0
—
3.0
—
ns
4
tH
Hold Time HIGH or LOW
A to CLKAB,
B to CLKBA
0
—
0
—
ns
4
tSU
Set-Up Time, HIGH or LOW
A to LEAB,
B to LEBA
Clock LOW
3.0
—
3.0
—
ns
4
Clock HIGH
1.5
—
1.5
—
ns
4
tH
Hold Time, HIGH or LOW, A to LEAB,
B to LEBA
1.5
—
1.5
—
ns
4
tW
LEAB or LEBA Pulse Width HIGH[20]
3.0
—
3.0
—
ns
5
tW
CLKAB or CLKBA Pulse Width HIGH or
LOW[20]
3.0
—
3.0
—
ns
5
tSK(O)
Output Skew[21]
—
0.5
—
0.5
ns
—
Notes:
18. Minimum limits are specified, but not tested, on propagation delays.
19. See “Parameter Measurement Information” in the General Information section.
20. This parameter is guaranteed but not tested.
21. Skew between any two outputs of the same package switching in the same direction. This parameter ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com