công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY74FCT162373ATPVC bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CY74FCT162373ATPVC
Giải thích chi tiết về linh kiện  16-Bit Latches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CY74FCT162373ATPVC bảng dữ liệu(HTML) 4 Page - Texas Instruments

  CY74FCT162373ATPVC Datasheet HTML 1Page - Texas Instruments CY74FCT162373ATPVC Datasheet HTML 2Page - Texas Instruments CY74FCT162373ATPVC Datasheet HTML 3Page - Texas Instruments CY74FCT162373ATPVC Datasheet HTML 4Page - Texas Instruments CY74FCT162373ATPVC Datasheet HTML 5Page - Texas Instruments CY74FCT162373ATPVC Datasheet HTML 6Page - Texas Instruments CY74FCT162373ATPVC Datasheet HTML 7Page - Texas Instruments CY74FCT162373ATPVC Datasheet HTML 8Page - Texas Instruments CY74FCT162373ATPVC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CY74FCT16373T
CY74FCT162373T
4
Switching Characteristics Over the Operating Range[12]
CY74FCT16373AT
CY74FCT162373AT
Parameter
Description
Min.
Max.
Unit
Fig. No.[13]
tPLH
tPHL
Propagation Delay D to O
1.5
5.2
ns
1, 3
tPLH
tPHL
Propagation Delay
LE to O
2.0
6.7
ns
1, 5
tPZH
tPZL
Output Enable Time
1.5
6.1
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
5.5
ns
1, 7, 8
tSU
Set-Up Time HIGH or LOW, D to LE
2.0
ns
9
tH
Hold Time HIGH or LOW, D to LE
1.5
ns
9
tW
LE Pulse Width HIGH
3.3
ns
5
tSK(O)
Output Skew[14]
0.5
ns
—
CY74FCT16373CT
CY74FCT162373CT
Parameter
Description
Min.
Max.
Unit
Fig. No.[13]
tPLH
tPHL
Propagation Delay
D to O
1.5
4.2
ns
1, 3
tPLH
tPHL
Propagation Delay
LE to O
2.0
5.5
ns
1, 5
tPZH
tPZL
Output Enable Time
1.5
5.5
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
5.0
ns
1, 7, 8
tSU
Set-Up Time HIGH or LOW, D to LE
2.0
ns
9
tH
Hold Time HIGH or LOW,
D to LE
1.5
ns
9
tW
LE Pulse Width HIGH
3.3
ns
5
tSK(O)
Output Skew[14]
0.5
ns
—
Notes:
12. Minimum limits are specified but not tested on Propagation Delays.
13. See “Parameter Measurement Information” in the General Information section.
14. Skew between any two outputs of the same package switching in the same direction. This parameter is ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13