| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ECWF4204HLC bảng dữ liệu(PDF) 1 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECWF4204HLC bảng dữ liệu(HTML) 1 Page - Panasonic Semiconductor |
|
1 / 10 page ![]() Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. −FC50− Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. Plastic Film Capacitors Metallized Polypropylene Film Capacitor Type: ECWF(L) Designed for high frequency and current applications. ■Features • Small size • Excellent frequency characteristics • Low loss • 85 ˚C, 85 % RH, W.V.✕1.0 for 500 hours • RoHS directive compliant ■Recommended Applications • Lighting • High frequency and high current circuits (TVs, Monitors, Power Supplies, etc.) ■Explanation of Part Numbers 1 23 456 78 9 10 11 E C W F L Products code Dielectric & construction Rated voltage Cap. Tol. Suffix Suffix Capacitance ● Explanation of Part Numbers for Odd Size Taping E C W F R L Products code Dielectric & construction Rated voltage Suffix Cap. Tol. Suffix Capacitance 4 400 VDC 6 630 VDC H ±3 % J ±5 % ■Specifications Category temp. range (Including temperature-rise on unit surface) Rated voltage Capacitance range Capacitance tolerance Withstand voltage Dissipation factor (tan ) –40 ˚C to +105 ˚C 400 VDC, 630 VDC ±3 %(H), ±5 %(J) Between terminals : Rated voltage(VDC) ✕150 % 60 s tan < =0.05% (20˚C,1kHz) tan < =0.20% (20˚C,10kHz) C< =0.33 uF : IR> =9000 MΩ (20 ˚C, 100 VDC, 60 s for 400 VDC) C>0.33 uF : IR> =3000 MΩ・uF (20 ˚C, 500 VDC, 60 s for 630 VDC) 400 VDC 630 VDC 0.022 uF to 2.4 uF 0.010 uF to 1.3 uF Insulation resistance (IR) ❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage, please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”. Suffix Blank B C Lead Form Straight Crimped lead Cut lead p Œ ¯ ¶ ‚ /P53-76 12.11.14 20:52 y [ W 50 |
Số phần tương tự - ECWF4204HLC |
|
Mô tả tương tự - ECWF4204HLC |
|
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |