công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ELH227M350AS2 bảng dữ liệu(PDF) 20 Page - Kemet Corporation

tên linh kiện ELH227M350AS2
Giải thích chi tiết về linh kiện  Snap-In Aluminum Electrolytic Capacitors ELH Series
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEMET [Kemet Corporation]
Trang chủ  http://www.kemet.com
Logo KEMET - Kemet Corporation

ELH227M350AS2 bảng dữ liệu(HTML) 20 Page - Kemet Corporation

Back Button ELH227M350AS2 Datasheet HTML 16Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 17Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 18Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 19Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 20Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 21Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 22Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 23Page - Kemet Corporation ELH227M350AS2 Datasheet HTML 24Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
20
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4018_ELH • 2/10/2016
Snap-In Aluminum Electrolytic Capacitors – ELH Series, +85ºC
Impedance (Z) cont’d
Impedance as a function of frequency (sinusoidal waveform) for different temperature values can be represented as follows (typical
values):
0.1
1
10
100
1000
10000
0.1
1
10
100
1000
Z (ohm )
F (KHz)
85°C
20°C
10 µF
-40°C
R
e is the most temperature-dependent component of an electrolytic capacitor equivalent circuit. Electrolyte resistivity will decrease if
temperature rises.
In order to obtain a low impedance value throughout the temperature range, R
e must be as little as possible. However, Re values
that are too low indicate a very aggressive electrolyte, resulting in a shorter life of the electrolytic capacitor at high temperatures. A
compromise must be reached.
Leakage Current (LC)
Due to the aluminum oxide layer that serves as a dielectric, a small current will continue to flow even after a DC voltage has been
applied for long periods. This current is called leakage current.
A high leakage current flows after applying voltage to the capacitor then decreases in a few minutes, e.g., after prolonged storage
without any applied voltage. In the course of continuous operation, the leakage current will decrease and reach an almost constant
value.
After a voltage-free storage the oxide layer may deteriorate, especially at high temperature. Since there are no leakage currents to
transport oxygen ions to the anode, the oxide layer is not regenerated. The result is that a higher than normal leakage current will flow
when voltage is applied after prolonged storage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com