công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DMN32D4SDW bảng dữ liệu(PDF) 2 Page - Diodes Incorporated

tên linh kiện DMN32D4SDW
Giải thích chi tiết về linh kiện  Low On-Resistance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN32D4SDW bảng dữ liệu(HTML) 2 Page - Diodes Incorporated

  DMN32D4SDW Datasheet HTML 1Page - Diodes Incorporated DMN32D4SDW Datasheet HTML 2Page - Diodes Incorporated DMN32D4SDW Datasheet HTML 3Page - Diodes Incorporated DMN32D4SDW Datasheet HTML 4Page - Diodes Incorporated DMN32D4SDW Datasheet HTML 5Page - Diodes Incorporated DMN32D4SDW Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN32D4SDW
Document number: DS36023 Rev. 2 - 2
2 of 6
www.diodes.com
February 2015
© Diodes Incorporated
DMN32D4SDW
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = 10V
Steady
State
TA = 25°C
TA = 70°C
ID
0.65
0.50
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
0.4
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
4
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
0.29
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
420
°C/W
Total Power Dissipation (Note 6)
PD
0.35
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
360
°C/W
Thermal Resistance, Junction to Case
RθJC
128
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to 150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS = 0V, ID = 250µA
Zero Gate Voltage Drain Current
IDSS
-
-
1
µ
A
VDS = 30V, VGS = 0V
Gate-Source Leakage
IGSS
-
-
±10
µ
A
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
0.8
-
1.6
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS (ON)
-
0.2
0.4
VGS = 10V, ID = 0.25A
-
0.3
0.7
VGS = 4.5V, ID = 0.25A
-
0.4
1.0
VGS = 4.0V, ID = 0.25A
-
0.9
-
VGS = 2.5V, ID = 0.01A
Diode Forward Voltage
VSD
-
0.8
1.2
V
VGS = 0V, IS = 0.23A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
-
50
-
pF
VDS = 15V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
10
-
pF
Reverse Transfer Capacitance
Crss
-
6.8
-
pF
Gate Resistance
Rg
-
114
-
VDS = VGS = 0V,f = 1.0MHz
Total Gate Charge (VGS = 4.5V)
Qg
-
0.6
-
nC
VDS = 10V,
ID = 250mA
Total Gate Charge (VGS = 10V)
Qg
-
1.3
-
nC
Gate-Source Charge
Qgs
-
0.2
-
nC
Gate-Drain Charge
Qgd
-
0.1
-
nC
Turn-On Delay Time
tD(on)
-
2.8
-
ns
VGS = 10V, VDS = 30V,
ID = 100mA, RG = 10
Turn-On Rise Time
tr
-
3.2
-
ns
Turn-Off Delay Time
tD(off)
-
26.3
-
ns
Turn-Off Fall Time
tf
-
22.8
-
ns
Notes:
5. Device mounted on FR-4 PCB, with minimum recommended pad layout.
6. Device mounted on 1” x 1” FR-4 PCB with high coverage 2oz. Copper, single sided.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com