công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM78P447SB bảng dữ liệu(PDF) 16 Page - ELAN Microelectronics Corp

tên linh kiện EM78P447SB
Giải thích chi tiết về linh kiện  8-BIT MICRO-CONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMC [ELAN Microelectronics Corp]
Trang chủ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447SB bảng dữ liệu(HTML) 16 Page - ELAN Microelectronics Corp

Back Button EM78P447SB Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P447SB Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
EM78P447S
OTP ROM
4.3 TCC/WDT & Prescaler
An 8-bit counter is available as prescaler for the TCC or WDT. The prescaler is available for either the TCC or WDT
only at any given time, and the PAB bit of the CONT register is used to determine the prescaler assignment. The
PSR0~PSR2 bits determine the ratio. The prescaler is cleared each time the instruction is written to TCC under TCC
mode. The WDT and prescaler, when assigned to WDT mode, are cleared by the “WDTC” or “SLEP” instructions.
Fig. 6 depicts the circuit diagram of TCC/WDT.
• R1 (TCC) is an 8-bit timer/counter. The clock source of TCC can be internal or external clock input (edge selectable
from TCC pin). If TCC signal source is from internal clock, TCC will increase by 1 at every instruction cycle (without
prescaler). Referring to Fig. 6, CLK=Fosc/2 or CLK=Fosc/4 selection is determined by the CODE Option bit CLK
status. CLK=Fosc/2 is used if CLK bit is "0", and CLK=Fosc/4 is used if CLK bit is "1". If TCC signal source comes
from external clock input, TCC is increased by 1 at every falling edge or rising edge of TCC pin.
• The watchdog timer is a free running on-chip RC oscillator. The WDT will keep on running even after the oscillator
driver has been turned off (i.e. in sleep mode). During normal operation or sleep mode, a WDT time-out (if enabled)
will cause the device to reset. The WDT can be enabled or disabled any time during normal mode by software
programming. Refer to WDTE bit of IOCE register. Without prescaler, the WDT time-out period is approximately 18
ms
1 (default).
WDT
TE
TCC
8-bit Counter
2 cycles
TCC(R1)
SYNC
Pin
M
X
U
M
X
U
M
X
U
8-to-1 MUX
MUX
TS
0
PSR0~PSR2
WDT timeuot
PAB
TCC overflow interrupt
CLK(=Fosc/2)
PAB
(in IOCE)
WDTE
Data Bus
PAB
1
0
1
0
1
01
Fig. 6 TCC and WDT Block Diagram
1 <Note>: Vdd = 5V, set up time period = 16.2ms ± 30%
Vdd = 3V, set up time period = 19.6ms ± 30%
This specification is subject to change without prior notice.
06.25.2003 (V1.1)
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com