| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EM78P447SB bảng dữ liệu(PDF) 3 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P447SB bảng dữ liệu(HTML) 3 Page - ELAN Microelectronics Corp |
|
3 / 55 page ![]() EM78P447S OTP ROM 1. GENERAL DESCRIPTION EM78P447S is an 8-bit microprocessor with low-power and high-speed CMOS technology. It is equipped with 4K*13-bits Electrical One Time Programmable Read Only Memory (OTP-ROM). It provides a PROTECTION bit to prevent user’s code in the OTP memory from being intruded. Seven OPTION bits are also available to meet user’s requirements. With its OTP-ROM feature, the EM78P447S is able to offer a convenient way of developing and verifying user’s programs. Moreover, user can take advantage of ELAN Writer to easily program his development code. This specification is subject to change without prior notice. 06.25.2003 (V1.1) 3 |