| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS9210 bảng dữ liệu(PDF) 19 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS9210 bảng dữ liệu(HTML) 19 Page - National Semiconductor (TI) |
|
19 / 39 page ![]() Revision 3.2 19 www.national.com Functional Description (Continued) In the FRM Sequence Table it was determined through experimentation that intensity ratios outside the range of 16/64 to 48/64 (other than 0/64 and 64/64) resulted in fre- quency ratios that were low enough that the human eye would be able to detect flickering more easily. However, because the human eye is less sensitive to frequency variations at low intensity, instead of jumping directly from 0/64 to 16/64, it appeared acceptable to gradually increase the intensity ratio from 0/64 to 16/64. The inten- sity ratio then slowly increases from 16/64 to 48/64 to cre- ate a smooth transition through different gray scale levels. The full scale intensity ratio is truncated at 48/64 inten- tionally to reduce the effect of sudden changes in intensity level and frequency variation. Table 3-6. FRM Sequence Table Example For One Color Component Input Intensity Frame Count from 0 to 63 Freq. Ratio Intensity Ratio 0 000000000000000000000000000000000000000000000000000 0000000000000 0/64 0/64 1 000000000000000000000000000000000000000000000000000 0000000000000 0/64 0/64 2 000000010000000100000001000000010000000100000001000 0000100000001 8/64 8/64 3 000000100000100000010000010000010000001000001000000 1000001000001 10/64 10/64 4 000100010001000100010001000100010001000100010001000 1000100010001 16/64 16/64 5 000100100100100100100100100100100100100100100100100 1001001001001 21/64 21/64 6 001001001001010010010010010100100100101001001001001 0100100100101 23/64 23/64 7 001001010010010100100101001001010010010100100101001 0010100100101 24/64 24/64 8 001001010010100101001001010010100101001010010010100 1010010100101 25/64 25/64 9 001010010100101001010010100101010010100101001010010 1001010010101 26/64 26/64 10 001010010101001010100101001010100101010010100101010 0101010010101 27/64 27/64 11 001010100101010100101010010101010010101001010101001 0101001010101 28/64 28/64 12 001010101001010101010010101010100101010101001010101 0100101010101 29/64 29/64 13 001010101010101001010101010101010010101010101010010 1010101010101 30/64 30/64 14 001010101010101010101010101010100101010101010101010 1010101010101 31/64 31/64 15 010101010101010101010101010101010101010101010101010 1010101010101 32/64 32/64 16 010101010101010101010101010101011010101010101010101 0101010101011 31/64 33/64 17 010101010101010110101010101010110101010101010101101 0101010101011 30/64 34/64 18 010101010110101010101101010101011010101010110101010 1011010101011 29/64 35/64 19 010101011010101101010101101010110101010110101011010 1010110101011 28/64 36/64 20 010101101010110101011010110101011010101101011010101 1010101101011 27/64 37/64 21 010101101011010110101101011010110101011010110101101 0110101101011 26/64 38/64 22 010110101101011010110110101101011010110101101101011 0101101011011 25/64 39/64 23 010110110101101101011011010110110101101101011011010 1101101011011 24/64 40/64 24 010110110110101101101101101011011011010110110110110 1011011011011 23/64 41/64 25 010110110110110110110110110110110101101101101101101 1011011011011 22/64 42/64 26 011011011011011011011011011011011011011011011011011 0110110110111 21/64 43/64 27 011011011011011101101101101101110110110110110111011 0110110110111 20/64 44/64 28 011011011101101101110110110111011011101101101110110 1101110110111 19/64 45/64 29 011011101101110110111011011101110110111011011101101 1101101110111 18/64 46/64 30 011011101110111011011101110111011011101110111011011 1011101110111 17/64 47/64 31 011101110111011101110111011101110111011101110111011 1011101110111 16/64 48/64 |