công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NHS030C bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp

tên linh kiện NHS030C
Giải thích chi tiết về linh kiện  INTELLIGENT POWER DEVICE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NHS030C bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp

Back Button NHS030C Datasheet HTML 6Page - Renesas Technology Corp NHS030C Datasheet HTML 7Page - Renesas Technology Corp NHS030C Datasheet HTML 8Page - Renesas Technology Corp NHS030C Datasheet HTML 9Page - Renesas Technology Corp NHS030C Datasheet HTML 10Page - Renesas Technology Corp NHS030C Datasheet HTML 11Page - Renesas Technology Corp NHS030C Datasheet HTML 12Page - Renesas Technology Corp NHS030C Datasheet HTML 13Page - Renesas Technology Corp NHS030C Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
µ
PD166037T1J Datasheet
3. Specification
R07DS1114EJ0200 Rev.2.00
Page 10 of 39
May 22, 2015
Diagnosis function
Tch=-40 to 150degreeC, Vcc=7 to 18V, VIN=4.5V, VSEN=4.5V, unless otherwise specified
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Sense current settling time
after input signal positive
slope
tsis(on)
250
µs
VCC=13.5V, VIN=0V to 4.5V,
IL/IIS=KILIS, RL=5.4ohm
Sense current settling time
after input signal negative
slope
tsis(off)
10
µs
VIN=4.5V to 0V
Sense current settling time
after sense enable during
on-state 1)
tssen(on)
20
µs
VSEN=0V to 4.5V, RL=5.4ohm
Sense current settling time
after sense disable during
on-state 1)
tssen(off)
20
µs
VSEN=4.5V to 0V, RL=5.4ohm
Sense current settling time
during on-state 1)
tsis(LC)
20
µs
RL=5.4ohm to 2.7ohm
Fault signal delay after
over current detection 1)
tdsc(fault)
10
µs
VIN=0V to 4.5V, IL=IL(SC)
Fault signal delay after
power limitation valid 1)
tdpl(fault)
10
µs
Von>Von(CL1)
Fault signal delay after
power limitation invalid 1)
tdpl(off)
30
µs
Von<Von(CL1)
Fault signal delay after
absolute thermal shutdown
1)
tdot(fault)
10
µs
IISIIS,fault
Fault signal delay after
open load detection at off-
state 1)
tdop(fault)
10
µs
VIN=0V, VOUT>VOUT(OL)
Fault signal delay after
input negative slope 1)
tdoff(fault)
10
µs
VIN=4.5V to 0V
Remark) All voltages refer to ground pin of the device
1) not subjected production test, guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com