công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NHS030C bảng dữ liệu(PDF) 5 Page - Renesas Technology Corp

tên linh kiện NHS030C
Giải thích chi tiết về linh kiện  INTELLIGENT POWER DEVICE
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NHS030C bảng dữ liệu(HTML) 5 Page - Renesas Technology Corp

  NHS030C Datasheet HTML 1Page - Renesas Technology Corp NHS030C Datasheet HTML 2Page - Renesas Technology Corp NHS030C Datasheet HTML 3Page - Renesas Technology Corp NHS030C Datasheet HTML 4Page - Renesas Technology Corp NHS030C Datasheet HTML 5Page - Renesas Technology Corp NHS030C Datasheet HTML 6Page - Renesas Technology Corp NHS030C Datasheet HTML 7Page - Renesas Technology Corp NHS030C Datasheet HTML 8Page - Renesas Technology Corp NHS030C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
µ
PD166037T1J Datasheet
3. Specification
R07DS1114EJ0200 Rev.2.00
Page 5 of 39
May 22, 2015
3.3 Absolute Maximum Ratings
Ta=25degreeC, unless other specified
Parameter
Symbol
Rating
Unit
Test Condition
Vcc Voltage
VCC
28
V
Vcc Voltage at reverse
battery condition
-VCC
-16
V
RL=5.4ohm, t<2min,
RIN=2kohm, RSEN=2kohm , RGND=100ohm
GND Reverse current at
reverse battery condition
IGND(Rev)
200
mA
RL=5.4ohm, t<2min
Vcc voltage under Load
Dump condition
Vload dump
42
V
RI=1ohm, RL=5.4ohm, RIS=1kohm, RIN=2kohm,
RSEN=2kohm , RGND=100ohm, td=400ms,
Load Current
IL
Self limited
A
Total power dissipation
for whole device (DC)
PD
1.85
W
Ta=85degreeC,
Device on 50mmx50mmx1.5mm epoxy PCB FR4
with 6 cm2 of 70 um copper area
Voltage at IN pin
VIN
-2 ~ 16
V
DC
RIN=2kohm
-16
At reverse battery condition, t<2min,
RIN=2kohm, RSEN=2kohm
IN pin current
IIN
10
mA
DC
Voltage at IS pin
VIS
VCC
V
DC
RIS=1kohm
-16
V
At reverse battery condition, t<2min,
RL=5.4ohm, RIS=1kohm
IS Reverse current at
reverse battery condition
IIS(Rev)
-30
mA
At reverse battery condition, t<2min,
RL=5.4ohm
Voltage at SEN pin
VSEN
-2 ~ 16
V
DC
RSEN=2kohm
-16
At reverse battery condition, t<2min
RIN=2kohm, RSEN=2kohm
SEN pin current
ISEN
10
mA
DC
Channel Temperature
Tch
-40 to +150
degreeC
Storage Temperature
Tstg
-55 to +150
degreeC
ESD susceptibility
VESD
2000
V
HBM
AEC-Q100-002 std.
R=1.5kohm, C=100pF
All pin
4000
IEC61000-4-2 std.
R=330ohm, C=150pF,
100nF at VCC and OUT
VCC, OUT
200
V
MM
AEC-Q100-003 std.
R=0ohm, C=200pF
Inductive load switch-off
energy dissipation single
pulse
EAS
50
mJ
VCC=13.5V, Tch,start<150degreeC, RL=5.4ohm
Inductive load switch-off
energy dissipation
repetitive pulse
EAR
30
mJ
VCC=13.5V, Tch,start=85degreeC, RL=5.4ohm
Remark) All voltages refer to ground pin of the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com