công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAC7100CVF bảng dữ liệu(PDF) 25 Page - Motorola, Inc

tên linh kiện MAC7100CVF
Giải thích chi tiết về linh kiện  MAC7100 Microcontroller Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7100CVF bảng dữ liệu(HTML) 25 Page - Motorola, Inc

Back Button MAC7100CVF Datasheet HTML 21Page - Motorola, Inc MAC7100CVF Datasheet HTML 22Page - Motorola, Inc MAC7100CVF Datasheet HTML 23Page - Motorola, Inc MAC7100CVF Datasheet HTML 24Page - Motorola, Inc MAC7100CVF Datasheet HTML 25Page - Motorola, Inc MAC7100CVF Datasheet HTML 26Page - Motorola, Inc MAC7100CVF Datasheet HTML 27Page - Motorola, Inc MAC7100CVF Datasheet HTML 28Page - Motorola, Inc MAC7100CVF Datasheet HTML 29Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
25
MAC7100 Microcontroller Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Electrical Characteristics
3.10.2 ATD Accuracy
Table 27 and Table 28 specify the ATD conversion performance excluding any errors due to current
injection, input capacitance and source resistance.
For the following definitions see also Figure 8.
Differential Non-Linearity (DNL) is defined as the difference between two adjacent switching steps.
The Integral Non-Linearity (INL) is defined as the sum of all DNLs:
Table 27. ATD Conversion Performance in 5 V Range
Conditions shown in Table 6 unless otherwise noted.
VREF = VRH – VRL = 5.12 V, resulting in one 8 bit count = 20 mV and one 10 bit count = 5 mV
fATDCLK = 2.0 MHz, 4.5 V ≤ VDDA ≤ 5.5 V
Num C
Rating
Symbol
Min
Typ
Max
Unit
Q1
P 10-bit Resolution
LSB
—
5
—
mV
Q2
P 10-bit Differential Nonlinearity
DNL
–1
—
1
Counts
Q3
P 10-bit Integral Nonlinearity
INL
–2.5
±1.5
2.5
Counts
Q4
P 10-bit Absolute Error 1
1 These values include the quantization error which is inherently 1/2 count for any A/D converter.
AE
–3
±2.0
3
Counts
Q5
P 8-bit Resolution
LSB
—
20
—
mV
Q6
P 8-bit Differential Nonlinearity
DNL
–0.5
—
0.5
Counts
Q7
P 8-bit Integral Nonlinearity
INL
–1.0
±0.5
1.0
Counts
Q8
P 8-bit Absolute Error 1
AE
–1.5
±1.0
1.5
Counts
Table 28. ATD Conversion Performance in 3.3 V Range
Conditions shown in Table 6 unless otherwise noted.
VREF = VRH – VRL = 5.12 V, resulting in one 8 bit count = 20 mV and one 10 bit count = 5 mV
fATDCLK = 2.0 MHz, 4.5 V ≤ VDDA ≤ 5.5 V
Num C
Rating
Symbol
Min
Typ
Max
Unit
R1
P 10-bit Resolution
LSB
—
3.25
—
mV
R2
P 10-bit Differential Nonlinearity
DNL
–1.5
—
1.5
Counts
R3
P 10-bit Integral Nonlinearity
INL
–3.5
±1.5
3.5
Counts
R4
P 10-bit Absolute Error 1
1 These values include the quantization error which is inherently 1/2 count for any A/D converter.
AE
–5
±2.0
5
Counts
R5
P 8-bit Resolution
LSB
—
13
—
mV
R6
P 8-bit Differential Nonlinearity
DNL
–0.5
—
0.5
Counts
R7
P 8-bit Integral Nonlinearity
INL
–1.5
±1.0
1.5
Counts
R8
P 8-bit Absolute Error 1
AE
–1.5
±1.0
1.5
Counts
DNL i
()
Vi Vi1
–
–
1 LSB
----------------------- 1
–
=
INL n
()
DNL i
()
i1
=
n
∑
Vn V0
–
1 LSB
------------------- n
–
==
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com