công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAC7100CVF bảng dữ liệu(PDF) 35 Page - Motorola, Inc

tên linh kiện MAC7100CVF
Giải thích chi tiết về linh kiện  MAC7100 Microcontroller Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7100CVF bảng dữ liệu(HTML) 35 Page - Motorola, Inc

Back Button MAC7100CVF Datasheet HTML 31Page - Motorola, Inc MAC7100CVF Datasheet HTML 32Page - Motorola, Inc MAC7100CVF Datasheet HTML 33Page - Motorola, Inc MAC7100CVF Datasheet HTML 34Page - Motorola, Inc MAC7100CVF Datasheet HTML 35Page - Motorola, Inc MAC7100CVF Datasheet HTML 36Page - Motorola, Inc MAC7100CVF Datasheet HTML 37Page - Motorola, Inc MAC7100CVF Datasheet HTML 38Page - Motorola, Inc MAC7100CVF Datasheet HTML 39Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
35
MAC7100 Microcontroller Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Electrical Characteristics
3.13.2 NVM Reliability
The reliability of the NVM blocks is guaranteed by stress test during qualification, constant process
monitors and burn-in to screen early life failures. The failure rates for data retention and program/erase
cycling are specified at the operating conditions noted. The program/erase cycle count on the sector is
incremented every time a sector or mass erase event is executed.
NOTE
All values shown in Table 37 are target values and subject to
characterization.
For Flash cycling performance, each Program operation must be preceded
by an erase.
Table 37. NVM Reliability Characteristics
Conditions shown in Table 6 unless otherwise noted.
Num
C
Rating
Min
Unit
Z10
C Program/Data Flash Program/Erase endurance (–40C to +125C)
10,000
Cycles
Z11
C Program/Data Flash Data Retention Lifetime
15
Years
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com