công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HO15-NP-SP2012 bảng dữ liệu(PDF) 14 Page - LEM

tên linh kiện HO15-NP-SP2012
Giải thích chi tiết về linh kiện  Current Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LEM [LEM]
Trang chủ  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO15-NP-SP2012 bảng dữ liệu(HTML) 14 Page - LEM

Back Button HO15-NP-SP2012 Datasheet HTML 8Page - LEM HO15-NP-SP2012 Datasheet HTML 9Page - LEM HO15-NP-SP2012 Datasheet HTML 10Page - LEM HO15-NP-SP2012 Datasheet HTML 11Page - LEM HO15-NP-SP2012 Datasheet HTML 12Page - LEM HO15-NP-SP2012 Datasheet HTML 13Page - LEM HO15-NP-SP2012 Datasheet HTML 14Page - LEM HO15-NP-SP2012 Datasheet HTML 15Page - LEM HO15-NP-SP2012 Datasheet HTML 16Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Page 14/16
18February2014/Version 3
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO-NP-0000 SERIES
PCB Footprint
Assembly on PCB
• Recommended PCB hole diameter
1.5 mm for primary pin
0.9 mm for secondary pin
• Maximum PCB thickness
2.4 mm
• Wave soldering profile
maximum 260°C, 10 s
No clean process only
Safety
This transducer must be used in limited-energy secondary circuits according to IEC 61010-1.
This transducer must be used in electric/electronic equipment with respect to applicable standards and safety requirements in
accordance with the manufacturer’s operating instructions.
Caution, risk of electrical shock.
When operating the transducer, certain parts of the module can carry hazardous voltage (e.g. primary bus bar, power supply).
Ignoring this warning can lead to injury and/or cause serious damage.
This transducer is a build-in device, whose conducting parts must be inaccessible after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com