| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT45CS1282 bảng dữ liệu(PDF) 20 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45CS1282 bảng dữ liệu(HTML) 20 Page - ATMEL Corporation |
|
20 / 33 page ![]() 20 AT45CS1282 [Preliminary] 3447A–DFLSH–2/04 Buffer Write Buffer to Main Memory Page Program (Data from Buffer Programmed into Flash Page) Read Operations The following block diagram and waveforms illustrate the various read sequences available. SI or I/O7 - I/O0 (INPUT) CMD X X···X, BFA10-8 BFA7-0 n n+1 Last Byte · Completes writing into selected buffer CS X SI or I/O7 - I/O0 (INPUT) CMD XXXXXXX PA13 PA12-5 CS Starts self-timed erase/program operation X···X PA4-0, XXX Each transition represents 8 bits FLASH MEMORY ARRAY PAGE (1056 BYTES) BUFFER 2 (1056 BYTES) BUFFER 1 (1056 BYTES) I/O INTERFACE MAIN MEMORY PAGE TO BUFFER 1 MAIN MEMORY PAGE TO BUFFER 2 MAIN MEMORY PAGE READ BUFFER 1 READ BUFFER 2 READ SO I/O7 - I/O0 n = 1st byte n+1 = 2nd byte |