công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RSC5-7 bảng dữ liệu(PDF) 146 Page - Lumberg

tên linh kiện RSC5-7
Giải thích chi tiết về linh kiện  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LUMBERG [Lumberg]
Trang chủ  http://www.lumberg.com
Logo LUMBERG - Lumberg

RSC5-7 bảng dữ liệu(HTML) 146 Page - Lumberg

Back Button RSC5-7 Datasheet HTML 142Page - Lumberg RSC5-7 Datasheet HTML 143Page - Lumberg RSC5-7 Datasheet HTML 144Page - Lumberg RSC5-7 Datasheet HTML 145Page - Lumberg RSC5-7 Datasheet HTML 146Page - Lumberg RSC5-7 Datasheet HTML 147Page - Lumberg RSC5-7 Datasheet HTML 148Page - Lumberg RSC5-7 Datasheet HTML 149Page - Lumberg RSC5-7 Datasheet HTML 150Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
146
NPN (Sinking)
Acronym used to describe the polarization of a
bipolar junction transistor (BJTs). Also associated
with a sinking output.
NPN Output
Transistor output that switches the common or
negative voltage to the load (current sinking)
connected between output and positive supply.
Nylon
This is the generic name for synthetic fiber forming
polyamides.
O
OFHC (Oxygen Free High Conductivity Copper)
Ohm
The electrical unit of resistance. The value of
resistance by which a potential difference of one volt
will maintain a current of one ampere.
Ohm’s Law
E = I x R. Voltage (E) is directly proportional to the
product of current (I) and resistance (R) of circuit.
Opto-Coupled
Refers to a technique used to optically activate (turn
on) an electronic device usually a transistor or triac,
thus physically separating two sides of a circuit,
similar to a solenoid relay. The typical opto coupler
incorporates an LED (light emitting diode) as the
actuating device.
Output
The useful power or signal delivered by a circuit or
device.
P
PA (Polyamide, Nylon)
PAL (Phase Alternate Line)
A European color TV system featuring 625 lines per
frame, 25 frames and 50 fields per second.
Plastic
High polymeric substances, including both natural
and synthetic products, but excluding the rubbers,
that are capable of flowing under heat and pressure.
PLTC (Power Limited Tray Cable)
NEC classification for cable resistant to the spread
of fire and is suitable for use in cable trays at 300V
rating.
Plug
A connector associated with being attached to a
cable.
PNP (Sourcing)
Acronym used to describe the polarization of a
bipolar junction transistor (BJTs). Also associated
with a sourcing output.
PNP Output
A transistor output that switches the positive voltage
to the load (current sourcing) connected between
output and common.
Polarization
The feature of a connector that prevents miss-
mating by allowing plugging to occur only when the
connectors are properly oriented.
Polyurethane (PUR)
Is a thermoplastic material with good natural
chemical resistance.
Polyvinyl Chloride (PVC)
Is a thermoplastic material with good specific
properties when blended with additives.
POM (Polyoxymethylene, Acetal, Delrin)
Polyoxymethylene – a crystalline thermoplastic
polymer with a high melting point. It is suitable for
mechanical parts or electrical insulators that require
structural strength at above normal temperatures.
Potting
This is the sealing of a cable termination or other
component with a liquid that thermo sets into an
elastomer.
PUR (Polyurethane)
Broad class of polymers noted for good abrasion and
solvent resistance.
PVC (Polyvinyl Chloride)
A general purpose thermoplastic widely used for wire
and cable insulation and jackets.
PVDF (Polyvinylidene Fluoride)
Q
R
Receptacle
The connector is usually mounted in a fixed location
and mates with a plug type connector.
Rectification
This is a term used to describe an electrical process,
which converts AC (alternating current) to DC (direct
current).
Reed Switch
This is a miniature mechanical switch, which
changes states when a magnetic field is applied.
Resistance (Rl)
The measurement of difficulty in moving electrical
current through a medium when voltage is applied. It
is measured in ohms.
Resistor
This is an electrical device, which opposes the flow
of current. Higher resistor Ohm values offer more
resistance to the flow of current.
Retractile Cord (Coiled Cord)
A cord having a specially treated jacket or insulation,
so that it will retract like a spring. Retraction may be
added to all or part of a cord’s length.
RF (Radio Frequency)
RG/U (RG) (Radio Guide)
A military designation for a coaxial cable, and ‘U’
stands for Universal.
RGB (Red, Green, Blue)
3 parts of color video signal; also refers to multi
coaxial cables carrying the above signals.
RJ45
Modular telecommunications connector.
RMS (Root Mean Square)
Rubber
A general term used to describe wire insulation
made of thermosetting elastomer, such as natural
or synthetic rubbers, neoprene, Hypalon, CPE butyl
rubber and others.
S
SAE (Society of Automotive Engineers)
SBR
A copolymer of styrene and butadiene. Most
commonly used type of synthetic rubber.
SDI (Serial Digital)
Digital information that is transmitted in serial form.
SDL (Shielded Data Link)
Separator
Pertaining to the wire and cable, a layer of textile,
paper, etc. which is placed between the outer jacket
and core construction to enhance jacket strip ability.
Serve
A filament or group of filaments such as fibers or
wires, wound around a central core.
Shield
A conductive envelope around the primary
conductors that provides an electronic barrier to
electromagnetic interference.
References
Glossary of Terms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com