công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RSC5-7 bảng dữ liệu(PDF) 60 Page - Lumberg

tên linh kiện RSC5-7
Giải thích chi tiết về linh kiện  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LUMBERG [Lumberg]
Trang chủ  http://www.lumberg.com
Logo LUMBERG - Lumberg

RSC5-7 bảng dữ liệu(HTML) 60 Page - Lumberg

Back Button RSC5-7 Datasheet HTML 56Page - Lumberg RSC5-7 Datasheet HTML 57Page - Lumberg RSC5-7 Datasheet HTML 58Page - Lumberg RSC5-7 Datasheet HTML 59Page - Lumberg RSC5-7 Datasheet HTML 60Page - Lumberg RSC5-7 Datasheet HTML 61Page - Lumberg RSC5-7 Datasheet HTML 62Page - Lumberg RSC5-7 Datasheet HTML 63Page - Lumberg RSC5-7 Datasheet HTML 64Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
60
Receptacle Connector, M12 Male, 3-, 4-, 5- and
8-Pole, For Front Mounting, Assembled Stranded
Wire, Potted with Epoxy, Chassis Side Thread M16 x
1.5 Screw Connection, IP 67 Rated.
Receptacle Connector, M12 Male, 3-, 4-, 5- and
8-Pole, For Front Mounting, Assembled Stranded
(22 AWG and 24 AWG) Wire, Potted with Epoxy,
Chassis Side Thread PG 9 Screw Connection, IP 67
Rated.
Receptacle Connector, M12 Male, 4-, 5- and 8-Pole,
For Back Mounting, Assembled Stranded
(22 AWG and 24 AWG) Wire, Potted with Epoxy,
Chassis Side Thread PG 9 Screw Connection, IP 67
Rated.
Receptacle Connector, M12 Male, 3-, 4-, 5- and
8-Pole, For Front Mounting, Assembled Stranded
(22 AWG and 24 AWG) Wire, Potted with Epoxy,
Chassis Side Thread 1/2”-14 NPT Screw Connection,
IP 67 Rated.
Receptacle Connector, Combined FIXCON/M12 Male,
5-Pole, For Front Mounting, Assembled Stranded
Wire, Potted with Epoxy, Chassis Side Thread M20 x
1.5 Screw Connection, IP 67 Rated.
Receptacle Connector, M12 Male, 3-, 4-, 5- and
8-Pole, For Front Mounting, Adjustable, Assembled
Stranded Wire, Solder Contacts Potted with Epoxy,
Chassis Side Thread M16 x 1.5 Screw Connection,
IP 67 Rated.
RSFM.../0,5 M
RSF 3...8/0,5 M
RSF 4...8-S3103/0,5 M
RSF 3...8-1/2-14/0,5 M
RSFM.../20/0,5 M
RSFPM.../0,5 M
Part No.
RSFM 3/0,5 M
RSFM 4/0,5 M
RSFM 5/0,5 M
RSFM 8/0,5 M
Part No.
RSF 3/0,5 M
RSF 4/0,5 M
RSF 5/0,5 M
RSF 8/0,5 M
Part No.
RSF 4-S3103/0.5 M
RSF 5-S3103/0.5 M
RSF 8-S3103/0.5 M
Part No.
RSF 3-1/2-14/0,5 M
RSF 4-1/2-14/0,5 M
RSF 5-1/2-14/0,5 M
RSF 8-1/2-14/0,5 M
Part No.
RSFM 3/20/0,5 M
RSFM 4/20/0,5 M
Part No.
RSFPM 3/0,5 M
RSFPM 4/0,5 M
RSFPM 5/0,5 M
RSFPM 8/0,5 M
Receptacle Connectors In Accordance With IEC 61076-2-101
M12-Receptacles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com